Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 284 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 284 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 280Page - Texas Instruments TMS320DM814X Datasheet HTML 281Page - Texas Instruments TMS320DM814X Datasheet HTML 282Page - Texas Instruments TMS320DM814X Datasheet HTML 283Page - Texas Instruments TMS320DM814X Datasheet HTML 284Page - Texas Instruments TMS320DM814X Datasheet HTML 285Page - Texas Instruments TMS320DM814X Datasheet HTML 286Page - Texas Instruments TMS320DM814X Datasheet HTML 287Page - Texas Instruments TMS320DM814X Datasheet HTML 288Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.12 Imaging Subsystem (ISS)
The device Imaging Subsystem captures and processes pixel data from external image and video inputs.
The inputs can be connected to the Image Processing block through the Parallel Camera Interface
(CAM). . In addition, a Timing control module provides flash strobe and mechanical shutter interfaces. The
features of each component of the ISS are described below.
•
Parallel Camera (CAM) interface features:
–
Input format
•
Bayer pattern Raw (up to 16bit) or YCbCr 422 (8bit or 16bit) data.
•
ITU-R BT.656/1120 standard format
–
Generates HD/VD timing signals and field ID to an external timing generator, or can synchronize to
the external timing generator.
–
Support for progressive and interlaced sensors (hardware support for up to 2 fields and firmware
supports for higher number of fields, typically 3-, 4-, and 5-field sensors.
•
Image Sensor Interface (ISIF) features:
–
Support for up to 32K pixels (image size) in both the horizontal and vertical direction
–
Color space conversion for non-Bayer pattern Raw data
–
Digital black clamping with Horizontal/Vertical offset drift compensation
–
Vertical Line defect correction based on a lookup table
–
Color-dependent gain control and black level offset control
–
Ability to control output to the DDR2/DDR3 via an external write enable signal
–
Down sampling via programmable culling patterns
–
A-law/DPCM compression
–
Generating 16-, 12- or 8-bit output to memory
•
Two independent Resizers
–
Providing two different sizes of outputs simultaneously on one input
–
Maximum line width is 5376 and 2336, respectively
–
YUV422 to YUV420 conversion
–
Data output format: RGB565, ARGB888, YUV422 co sited and YUV4:2:0 planar
–
Resizer Ratio: x1/4096 approximately x20
–
Input from memory
•
Timing control module features:
–
STROBE signal for flash pre-strobe and flash strobe
–
SHUTTER signal for mechanical shutter control
–
Global reset control
For more detailed information on the ISS, see the ISS Overview section, the ISS Interfaces section, and
the ISS ISP section of the Watchdog Timer chapter of the TMS320DM814x DaVinci Digital Media
Processors Technical Reference Manual (Literature Number: SPRUGZ8).
284
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com