Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 288 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 288 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 284Page - Texas Instruments TMS320DM814X Datasheet HTML 285Page - Texas Instruments TMS320DM814X Datasheet HTML 286Page - Texas Instruments TMS320DM814X Datasheet HTML 287Page - Texas Instruments TMS320DM814X Datasheet HTML 288Page - Texas Instruments TMS320DM814X Datasheet HTML 289Page - Texas Instruments TMS320DM814X Datasheet HTML 290Page - Texas Instruments TMS320DM814X Datasheet HTML 291Page - Texas Instruments TMS320DM814X Datasheet HTML 292Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.13.1 DDR2/3 Memory Controller Register Descriptions
Table 8-50. DDR2/3 Memory Controller Registers
DDR0 HEX ADDRESS
DDR1 HEX ADDRESS
ACRONYM
REGISTER NAME
0x4C00 0004
0x4D00 0004
SDRSTAT
SDRAM Status Register
0x4C00 0008
0x4D00 0008
SDRCR
SDRAM Configuration Register
0x4C00 000C
0x4D00 000C
SDRCR2
SDRAM Configuration Register 2
0x4C00 0010
0x4D00 0010
SDRRCR
SDRAM Refresh Control Register
0x4C00 0014
0x4D00 0014
SDRRCSR
SDRAM Refresh Control Shadow Register
0x4C00 0018
0x4D00 0018
SDRTIM1
SDRAM Timing 1 Register
0x4C00 001C
0x4D00 001C
SDRTIM1SR
SDRAM Timing 1 Shadow Register
0x4C00 0020
0x4D00 0020
SDRTIM2
SDRAM Timing 2 Register
0x4C00 0024
0x4D00 0024
SDRTIM2SR
SDRAM Timing 2 Shadow Register
0x4C00 0028
0x4D00 0028
SDRTIM3
SDRAM Timing 3 Register
0x4C00 002C
0x4D00 002C
SDRTIM3SR
SDRAM Timing 3 Shadow Register
0x4C00 0038
0x4D00 0038
PMCR
Power Management Control Register
0x4C00 003C
0x4D00 003C
PMCSR
Power Management Control Shadow Register
0x4C00 0054
0x4D00 0054
PBBPR
Peripheral Bus Burst Priority Register
0x4C00 00A0
0x4D00 00A0
EOI
End of Interrupt Register
0x4C00 00A4
0x4D00 00A4
SOIRSR
System OCP Interrupt Raw Status Register
0x4C00 00AC
0x4D00 00AC
SOISR
System OCP Interrupt Status Register
0x4C00 00B4
0x4D00 00B4
SOIESR
System OCP Interrupt Enable Set Register
0x4C00 00BC
0x4D00 00BC
SOIECR
System OCP Interrupt Enable Clear Register
0x4C00 00C8
0x4D00 00C8
ZQCR
SDRAM Output Impedance Calibration Configuration
Register
0x4C00 00D4
0x4D00 00D4
RDWR_LVL_RMP_WIN
Read-Write Leveling Ramp Window Register
0x4C00 00D8
0x4D00 00D8
RDWR_LVL_RMP_CTRL
Read-Write Leveling Ramp Control Register
0x4C00 00DC
0x4D00 00DC
RWLCR
Read-Write Leveling Control Register
0x4C00 00E4
0x4D00 00E4
DDRPHYCR
DDR PHY Control Register
0x4C00 00E8
0x4D00 00E8
DDRPHYCSR
DDR PHY Control Shadow Register
0x4C00 0100
0x4D00 0100
PRI_COS_MAP
Priority to Class of Service Mapping Register
0x4C00 0104
0x4D00 0104
CONNID_COS_1_MAP
Connection ID to Class of Service 1 Mapping Register
0x4C00 0108
0x4D00 0108
CONNID_COS_2_MAP
Connection ID to Class of Service 2 Mapping Register
0x4C00 0120
0x4D00 0120
RD_WR_EXEC_THRSH
Read Write Execution Threshold Register
8.13.2 DDR2/DDR3 PHY Register Descriptions
Table 8-51. DDR2/DDR3 PHY Registers
DDR0 HEX
DDR1 HEX
ACRONYM
REGISTER NAME
ADDRESS
ADDRESS
0x47C0_C41C
0x47C0_C81C
CMD0_REG_PHY_CTRL_SLAVE_RATIO_0
DDR PHY Command 0
Address/Command Slave Ratio Register
0x47C0_C428
0x47C0_C828
CMD0_REG_PHY_DLL_LOCK_DIFF_0
DDR PHY Command 0
Address/Command DLL Lock Difference
Register
0x47C0_C42C
0x47C0_C82C
CMD0_REG_PHY_INVERT_CLKOUT_0
DDR PHY Command 0 Invert Clockout
Selection Register
0x47C0_C450
0x47C0_C850
CMD1_REG_PHY_CTRL_SLAVE_RATIO_0
DDR PHY Command 1
Address/Command Slave Ratio Register
0x47C0_C45C
0x47C0_C85C
CMD1_REG_PHY_DLL_LOCK_DIFF_0
DDR PHY Command 1
Address/Command DLL Lock Difference
Register
288
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com