Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 291 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 291 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 287Page - Texas Instruments TMS320DM814X Datasheet HTML 288Page - Texas Instruments TMS320DM814X Datasheet HTML 289Page - Texas Instruments TMS320DM814X Datasheet HTML 290Page - Texas Instruments TMS320DM814X Datasheet HTML 291Page - Texas Instruments TMS320DM814X Datasheet HTML 292Page - Texas Instruments TMS320DM814X Datasheet HTML 293Page - Texas Instruments TMS320DM814X Datasheet HTML 294Page - Texas Instruments TMS320DM814X Datasheet HTML 295Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 377 page
background image
DDR[x]_CLK
1
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-52. DDR-Related Control Module Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x4814 0E0C
DDR_VTP_CTRL_0
DDR0 VTP Control Register
0x4814 0E10
DDR_VTP_CTRL_1
DDR1 VTP Control Register
8.13.4 DDR2/DDR3 Memory Controller Electrical Data/Timing
TI only supports board designs that follow the DDR2 and DDR3 Routing Specifications outlined in this
document. The switching characteristics and the timing diagram for the DDR2 memory controller are
shown in Table 8-53 and Figure 8-46.
Table 8-53. Switching Characteristics Over Recommended Operating Conditions for DDR2/DDR3 Memory
Controller (1)
OPP100/120/166
NO.
UNIT
MIN
MAX
DDR2 mode
2.5
1
tc(DDR_CLK)
Cycle time, DDR[x]_CLK
ns
DDR3 mode
1.876
(1)
The PLL_DDR Controller must be programmed such that the resulting DDR[x]_CLK clock frequency is within the specified range.
Figure 8-46. DDR2/DDR3 Memory Controller Clock Timing
8.13.4.1 DDR2 Routing Specifications
8.13.4.1.1 DDR2 Interface
This section provides the timing specification for the DDR2 interface as a PCB design and manufacturing
specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity, cross-talk,
and signal timing. These rules, when followed, result in a reliable DDR2 memory system without the need
for a complex timing closure process. For more information regarding the guidelines for using this DDR2
specification, see the Understanding TI’s PCB Routing Rule-Based DDR Timing Specification Application
Report (Literature Number: SPRAAV0).
8.13.4.1.1.1 DDR2 Interface Schematic
Figure 8-47 shows the DDR2 interface schematic for a x32 DDR2 memory system. In Figure 8-48 the x16
DDR2 system schematic is identical except that the high-word DDR2 device is deleted.
When not using all or part of a DDR2 interface, the proper method of handling the unused pins is to tie off
the DDR[x]_DQS[n] pins to the corresponding DVDD_DDR[x] supply via a 1k-
Ω resistor and pulling the
DDR[x]_DQS[n] pins to ground via a 1k-
Ω resistor. This needs to be done for each byte not used. Also,
include the 50-
Ω pulldown for DDR[x]_VTP. The DVDD_DDR[x] and VREFSSTL_DDR[x] power supply
pins need to be connected to their respective power supplies even if DDR[x] is not being used. All other
DDR interface pins can be left unconnected. Note that the supported modes for use of the DDR EMIF are
32-bits wide, 16-bits wide, or not used.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
291
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com