| Electronic Components Datasheet Search |
|
TMS320DM814X Datasheet(PDF) 360 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X Datasheet(HTML) 360 Page - Texas Instruments |
|
360 / 377 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com 8.21 Universal Asynchronous Receiver/Transmitter (UART) The UART performs serial-to-parallel conversions on data received from a peripheral device and parallel- to-serial conversion on data received from the CPU. The device provides up to six UART peripheral interfaces, depending on the selected pin multiplexing. Each UART has the following features: • Selectable UART/IrDA (SIR/MIR)/CIR modes • Dual 64-entry FIFOs for received and transmitted data payload • Programmable and selectable transmit and receive FIFO trigger levels for DMA and interrupt generation • Baud-rate generation based upon programmable divisors N (N=1…16384) • Two DMA requests and one interrupt request to the system • Can connect to any RS-232 compliant device. UART functions include: • Baud-rate up to 3.6 Mbit/s on UART0, UART1, and UART2 • Baud-rate up to 12 Mbit/s on UART3, UART4, and UART5 • Programmable serial interfaces characteristics – 5, 6, 7, or 8-bit characters – Even, odd, or no parity-bit generation and detection – 1, 1.5, or 2 stop-bit generation – Flow control: hardware (RTS/CTS) or software (XON/XOFF) • Additional modem control functions (UART0_DTR, UART0_DSR, UART0_DCD, and UART0_RIN) for UART0 only; UART1, UART2, UART3, UART4, and UART5 do not support full-flow control signaling. IR-IrDA functions include: • Support of IrDA 1.4 slow infrared (SIR, baud-rate up to 115.2 Kbits/s), medium infrared (MIR, baud- rate up to 1.152 Mbits/s) and fast infrared (FIR baud-rate up to 4.0 Mbits/s) communications • Supports framing error, cyclic redundancy check (CRC) error, illegal symbol (FIR), and abort pattern (SIR, MIR) detection • 8-entry status FIFO (with selectable trigger levels) available to monitor frame length and frame errors. IR-CIR functions include: • Consumer infrared (CIR) remote control mode with programmable data encoding • Free data format (supports any remote control private standards) • Selectable bit rate and configurable carrier frequency. For more detailed information on the UART peripheral, see the UART/IrDA/CIR Module chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number: SPRUGZ8). 8.21.1 UART Peripheral Register Descriptions 360 Peripheral Information and Timings Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |