Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 358 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 358 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 354Page - Texas Instruments TMS320DM814X Datasheet HTML 355Page - Texas Instruments TMS320DM814X Datasheet HTML 356Page - Texas Instruments TMS320DM814X Datasheet HTML 357Page - Texas Instruments TMS320DM814X Datasheet HTML 358Page - Texas Instruments TMS320DM814X Datasheet HTML 359Page - Texas Instruments TMS320DM814X Datasheet HTML 360Page - Texas Instruments TMS320DM814X Datasheet HTML 361Page - Texas Instruments TMS320DM814X Datasheet HTML 362Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.20 Timers
The device has eight 32-bit general-purpose (GP) timers (TIMER8 - TIMER1) that have the following
features:
•
TIMER8, TIMER1 are for software use and do not have an external connection
•
Dedicated input trigger for capture mode and dedicated output trigger/pulse width modulation (PWM)
signal
•
Interrupts generated on overflow, compare, and capture
•
Free-running 32-bit upward counter
•
Supported modes:
–
Compare and capture modes
–
Auto-reload mode
–
Start-stop mode
•
TIMER[8:1] functional clock is sourced from either the DEVOSC, AUXOSC, AUD_CLK2/1/0, TCLKIN,
or SYSCLK18 27 MHz as selected by the timer clock multiplexers.
•
On-the-fly read/write register (while counting)
•
Generates interrupts to the ARM, DSP, and Media Controller.
The device has one system watchdog timer that have the following features:
•
Free-running 32-bit upward counter
•
On-the-fly read/write register (while counting)
•
Reset upon occurrence of a timer overflow condition
•
The system watchdog timer has two possible clock sources:
–
RCOSC32K oscillator
–
RTCDIVIDER
•
The watchdog timer is used to provide a recovery mechanism for the device in the event of a fault
condition, such as a non-exiting code loop.
For more detailed information on the GP and Watchdog Timers, see the Timers and Watchdog Timer
chapters of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual
(Literature Number: SPRUGZ8).
8.20.1 Timer Peripheral Register Descriptions
358
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com