Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 365 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 365 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 361Page - Texas Instruments TMS320DM814X Datasheet HTML 362Page - Texas Instruments TMS320DM814X Datasheet HTML 363Page - Texas Instruments TMS320DM814X Datasheet HTML 364Page - Texas Instruments TMS320DM814X Datasheet HTML 365Page - Texas Instruments TMS320DM814X Datasheet HTML 366Page - Texas Instruments TMS320DM814X Datasheet HTML 367Page - Texas Instruments TMS320DM814X Datasheet HTML 368Page - Texas Instruments TMS320DM814X Datasheet HTML 369Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-114. USB1 Controller Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4740 1800
USB1REV
USB1 Revision
0x4740 1804 - 0x4740 1810
-
Reserved
0x4740 1814
USB1CTRL
USB1 Control
0x4740 1818
USB1STAT
USB1 Status
0x4740 181C
-
Reserved
0x4740 1820
USB1IRQMSTAT
USB1 IRQ_MERGED_STATUS
0x4740 1824
USB1IRQEOI
USB1 IRQ_EOI
0x4740 1828
USB1IRQSTATRAW0
USB1 IRQ_STATUS_RAW_0
0x4740 182C
USB1IRQSTATRAW1
USB1 IRQ_STATUS_RAW_1
0x4740 1830
USB1IRQSTAT0
USB1 IRQ_STATUS_0
0x4740 1834
USB1IRQSTAT1
USB1 IRQ_STATUS_1
0x4740 1838
USB1IRQENABLESET0
USB1 IRQ_ENABLE_SET_0
0x4740 183C
USB1IRQENABLESET1
USB1 IRQ_ENABLE_SET_1
0x4740 1840
USB1IRQENABLECLR0
USB1 IRQ_ENABLE_CLR_0
0x4740 1844
USB1IRQENABLECLR1
USB1 IRQ_ENABLE_CLR_1
0x4740 1848 - 0x4740 186C
-
Reserved
0x4740 1870
USB1TXMODE
USB1 Tx Mode
0x4740 1874
USB1RXMODE
USB1 Rx Mode
0x4740 1878 - 0x4740 187C
-
Reserved
0x4740 1880
USB1GENRNDISEP1
USB1 Generic RNDIS Size EP1
0x4740 1884
USB1GENRNDISEP2
USB1 Generic RNDIS Size EP2
0x4740 1888
USB1GENRNDISEP3
USB1 Generic RNDIS Size EP3
0x4740 188C
USB1GENRNDISEP4
USB1 Generic RNDIS Size EP4
0x4740 1890
USB1GENRNDISEP5
USB1 Generic RNDIS Size EP5
0x4740 1894
USB1GENRNDISEP6
USB1 Generic RNDIS Size EP6
0x4740 1898
USB1GENRNDISEP7
USB1 Generic RNDIS Size EP7
0x4740 189C
USB1GENRNDISEP8
USB1 Generic RNDIS Size EP8
0x4740 18A0
USB1GENRNDISEP9
USB1 Generic RNDIS Size EP9
0x4740 18A4
USB1GENRNDISEP10
USB1 Generic RNDIS Size EP10
0x4740 18A8
USB1GENRNDISEP11
USB1 Generic RNDIS Size EP11
0x4740 18AC
USB1GENRNDISEP12
USB1 Generic RNDIS Size EP12
0x4740 18B0
USB1GENRNDISEP13
USB1 Generic RNDIS Size EP13
0x4740 18B4
USB1GENRNDISEP14
USB1 Generic RNDIS Size EP14
0x4740 18B8
USB1GENRNDISEP15
USB1 Generic RNDIS Size EP15
0x4740 18BC - 0x4740 18CC
-
Reserved
0x4740 18D0
USB1AUTOREQ
USB1 Auto Req
0x4740 18D4
USB1SRPFIXTIME
USB1 SRP Fix Time
0x4740 18D8
USB1TDOWN
USB1 Teardown
0x4740 18DC
-
Reserved
0x4740 18E0
USB1UTMI
USB1 PHY UTMI
0x4740 18E4
USB1UTMILB
USB1 MGC UTMI Loopback
0x4740 18E8
USB1MODE
USB1 Mode
0x4740 18E8 - 0x4740 1BFF
-
Reserved
0x4740 1C00 - 0x4740 1C68
-
USB1 Mentor Core Registers
0x4740 1C6C
USB1HWVERS
USB1 Mentor Core Hardware Version Register
0x4740 1C70 - 0x4740 1D9C
-
USB1 Mentor Core Registers
0x4740 1DA0 - 0x4740 1FFC
-
Reserved
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
365
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com