Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 374 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 374 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 369Page - Texas Instruments TMS320DM814X Datasheet HTML 370Page - Texas Instruments TMS320DM814X Datasheet HTML 371Page - Texas Instruments TMS320DM814X Datasheet HTML 372Page - Texas Instruments TMS320DM814X Datasheet HTML 373Page - Texas Instruments TMS320DM814X Datasheet HTML 374Page - Texas Instruments TMS320DM814X Datasheet HTML 375Page - Texas Instruments TMS320DM814X Datasheet HTML 376Page - Texas Instruments TMS320DM814X Datasheet HTML 377Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 374 / 377 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Apr-2017
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TMS320DM8148CCYEA0
ACTIVE
FCBGA
CYE
684
60
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
TMS320DM8148CCYEA0
TMS320DM8148SCYE0
ACTIVE
FCBGA
CYE
684
60
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
TMS320DM8148SCYE0
TMS320DM8148SCYE1
ACTIVE
FCBGA
CYE
684
60
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
TMS320DM8148SCYE1
TMS320DM8148SCYE2
ACTIVE
FCBGA
CYE
684
60
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
TMS320DM8148SCYE2
TMS320DM8148SCYEA0
ACTIVE
FCBGA
CYE
684
60
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
TMS320DM8148SCYEA0
ZDM8147L3MOBCYE1
OBSOLETE
FCBGA
CYE
684
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
TMS320DM8147BCYE1
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com