| Electronic Components Datasheet Search |
|
TMS320DM814X Datasheet(PDF) 113 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X Datasheet(HTML) 113 Page - Texas Instruments |
|
113 / 377 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 Table 3-29. SD2 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. GP1 SD2_SCLK/ IPU M23 O PINCNTL121 SD2 Clock output GP1[15] DVDD_GPMC DSIS: N/A GPMC_CS[4]/ GPMC, GP1 IPU SD2_CMD/ P25 I/O PINCNTL126 SD2 Command input/output DVDD_GPMC GP1[8] DSIS: N/A SD2_DAT[0]/ GPMC, GP1 IPU SD2 Data0 I/O. Functions as data bit 0 for 4-/8-bit SD GPMC_A[4]/ L26 I/O PINCNTL120 DVDD_GPMC mode and single data bit for 1-bit SD mode. GP1[14] DSIS: PIN SD2_DAT[1]_SDIRQ/ GMPC, GP1 IPU SD2 Data1 I/O. Functions as data bit 1 for 4-/8-bit SD GPMC_A[3]/ M24 I/O PINCNTL119 DVDD_GPMC mode and as an IRQ input for 1-bit SD mode GP1[13] DSIS: PIN SD2_DAT[2]_SDRW/ GPMC, GP2 IPU SD2 Data2 I/O. Functions as data bit 2 for 4-/8-bit SD GPMC_A[2]/ K27 I/O PINCNTL118 DVDD_GPMC mode and as a Read Wait input for 1-bit SD mode. GP2[6] DSIS: PIN SD2_DAT[3]/ GPMC, GP2 IPU SD2 Data3 I/O. Functions as data bit 3 for 4-/8-bit SD GPMC_A[1]/ J28 I/O PINCNTL117 DVDD_GPMC mode. GP2[5] DSIS: PIN SD2_DAT[4]/ GPMC_A[27]/ GPMC, EDMA, GPMC_A[23]/ IPU TIM7, GP1 GPMC_CS[7]/ R24 I/O SD2 Data4 I/O. Functions as data bit 4 for 8-bit SD mode. DVDD_GPMC PINCNTL116 EDMA_EVT0/ DSIS: PIN TIM7_IO/ GP1[22] SD2_DAT[5]/ GPMC, TIM6, GPMC_A[26]/ IPU GP1 GPMC_A[22]/ P22 I/O SD2 Data5 I/O. Functions as data bit 5 for 8-bit SD mode. DVDD_GPMC PINCNTL115 TIM6_IO/ DSIS: PIN GP1[21] SD2_DAT[6]/ GPMC, UART2, GPMC_A[25]/ IPU GP1 GPMC_A[21]/ N23 I/O SD2 Data6 I/O. Functions as data bit 6 for 8-bit SD mode. DVDD_GPMC PINCNTL114 UART2_TXD/ DSIS: PIN GP1[20] SD2_DAT[7]/ GPMC, UART2, GPMC_A[24]/ IPU GP1 GPMC_A[20]/ L25 I/O SD2 Data7 I/O. Functions as data bit 7 for 8-bit SD mode. DVDD_GPMC PINCNTL113 UART2_RXD/ DSIS: PIN GP1[19] UART0_RTS/ UART0, UART4, UART4_TXD/ IPD DCAN1, SPI[1] DCAN1_RX/ AF5 I SD2 Card Detect input. DVDD PINCNTL73 SPI[1]_SCS[2]/ DSIS: 1 SD2_SDCD (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 113 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |