| Electronic Components Datasheet Search |
|
TMS320DM814X Datasheet(PDF) 116 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X Datasheet(HTML) 116 Page - Texas Instruments |
|
116 / 377 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-32. SPI 2 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. EMAC[0], EMAC[0]_MRXDV/ EMAC[1], GPMC EMAC[1]_RGRXD[1]/ IPD K22 I/O PINCNTL248 GPMC_A[5]/ DVDD_GPMC DSIS: 1 SPI[2]_SCLK MM: MUX2 VOUT[1]_R_CR[3]/ VOUT[1], GPMC, GPMC_A[14]/ VIN[1]A, HDMI, VIN[1]A_D[22]/ IPU I2C[2], GP3 HDMI_SDA/ AG28 I/O SPI Clock I/O DVDD PINCNTL229 SPI[2]_SCLK/ DSIS: 1 I2C[2]_SDA/ MM: MUX1 GP3[21] GPMC_A[23]/ GPMC, HDMI, SPI[2]_SCLK/ TIMER5, GP1 IPD HDMI_HPDET/ AA26 I/O PINCNTL112 DVDD_GPMC TIM5_IO/ DSIS: 1 GP1[18] MM: MUX0 EMAC[0]_MRXD[7]/ EMAC[0], GPMC EMAC[0]_RGTXD[1]/ IPD G27 I/O PINCNTL247 GPMC_A[4]/ DVDD_GPMC DSIS: 1 SPI[2]_SCS[3]/ VOUT[1]_G_Y_YC[2]/ GPMC_A[13]/ VOUT[1]. VIN[1]A_D[21]/ VIN[1]A, HDMI, IPU HDMI_SCL/ AF27 I/O I2C[2], GP3 DVDD SPI[2]_SCS[2]/ PINCNTL228 SPI Chip Select I/O I2C[2]_SCL/ DSIS: 1 GP3[20] GPMC_A[20]/ GPMC, GP1 IPU SPI[2]_SCS[1]/ AD28 I/O PINCNTL109 DVDD_GPMC GP1[15] DSIS: 1 GPMC_CS[3]/ GPMC, VIN[1]B, VIN[1]B_CLK/ IPU GP1 P26 I/O SPI[2]_SCS[0]/ DVDD_GPMC PINCNTL125 GP1[26] DSIS: 1 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 116 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |