Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC570S40E3 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPC570S40E3
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPC570S40E3 Datasheet HTML 51Page - STMicroelectronics SPC570S40E3 Datasheet HTML 52Page - STMicroelectronics SPC570S40E3 Datasheet HTML 53Page - STMicroelectronics SPC570S40E3 Datasheet HTML 54Page - STMicroelectronics SPC570S40E3 Datasheet HTML 55Page - STMicroelectronics SPC570S40E3 Datasheet HTML 56Page - STMicroelectronics SPC570S40E3 Datasheet HTML 57Page - STMicroelectronics SPC570S40E3 Datasheet HTML 58Page - STMicroelectronics SPC570S40E3 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
DocID024492 Rev 6
55/68
SPC570S40Ex, SPC570S50Ex
Electrical characteristics
67
Figure 13. JTAG boundary scan timing
4.21
DSPI CMOS master mode timing
4.21.1
Classic timing
TCK
13
9
12
Output
Signals
11
10
Output
Signals
Input
Signals
Table 35. DSPI CMOS master classic timing (full duplex and output only) – MTFE = 0(1)
#
Symbol
C
Characteristic
Condition
Value(2)
Unit
Pad drive(3)
Load (CL)Min
Max
1tSCK CC D SCK cycle time
SCK drive strength
Very strong
25 pF
75
—
ns
2tCSC CC D PCS to SCK delay
SCK and PCS drive strength
Very strong
25 pF
50
—ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com