Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC570S40E3 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPC570S40E3
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPC570S40E3 Datasheet HTML 19Page - STMicroelectronics SPC570S40E3 Datasheet HTML 20Page - STMicroelectronics SPC570S40E3 Datasheet HTML 21Page - STMicroelectronics SPC570S40E3 Datasheet HTML 22Page - STMicroelectronics SPC570S40E3 Datasheet HTML 23Page - STMicroelectronics SPC570S40E3 Datasheet HTML 24Page - STMicroelectronics SPC570S40E3 Datasheet HTML 25Page - STMicroelectronics SPC570S40E3 Datasheet HTML 26Page - STMicroelectronics SPC570S40E3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
DocID024492 Rev 6
23/68
SPC570S40Ex, SPC570S50Ex
Electrical characteristics
67
4.3
Absolute maximum ratings
Table 6. Absolute maximum ratings (1)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
Cycle
T Lifetime power cycles
—
—
1000k
—
VSS
C Ground voltage
—
—
—
—
VDD_LV
C 1.2 V core supply voltage
—
-0.3
1.5
V
VDD_HV_IO
C I/O supply voltage(2)
—-0.3
6.0
V
VDD_HV_OSC_PMC
C
Power management unit and
OSC power supply
—-0.3
6.0
V
VDD_HV_ADC_TSENS C ADC & TSENS power supply
—
-0.3
6.0
V
VREFH_ADC
C ADC reference supply
—
0
VDD_HV_ADC_TSENS
V
VIN
C I/O input voltage range(3)
—-0.3
6.0
V
Relative to VSS
-0.3
—
Relative to VDD_HV_IO
—0.3
IINJD
T
Maximum DC injection
current for digital pad during
overload condition
Per pin, applies to all
digital pins
-3
3
mA
IINJA
T
Maximum DC injection
current for analog pad during
overload condition
Per pin, applies to all
analog pins
-3
3
mA
IMAXD
SR
Maximum output DC current
when driven
Medium
-7
8
mA
Strong
-10
10
Very strong
-11
11
IMAXSEG
SR
Maximum current per power
segment(4)
—
-90
90
mA
TSTG
SR
Storage temperature range
and non-operating times
—
-55
175
°C
STORAGE
SR
Maximum storage time,
assembled part programmed
in ECU
No supply; storage
temperature in range
-40 °C to 85 °C
—
20
years
TSDR
SR
Maximum solder
temperature(5)
Pb-free package
——
260
°C
MSL
SR Moisture sensitivity level(6)
——
3
—
tXRAY
SR X-ray screen time
At 80÷130 KV; 20÷50
µA; max 1 Gy dose
—200
ms
1. Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability or cause permanent damage to the device. During overload conditions (VIN >
VDD_HV_IO or VIN < VSS), the voltage on pins with respect to ground (VSS) must not exceed the recommended values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com