Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC570S40E3 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPC570S40E3
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPC570S40E3 Datasheet HTML 21Page - STMicroelectronics SPC570S40E3 Datasheet HTML 22Page - STMicroelectronics SPC570S40E3 Datasheet HTML 23Page - STMicroelectronics SPC570S40E3 Datasheet HTML 24Page - STMicroelectronics SPC570S40E3 Datasheet HTML 25Page - STMicroelectronics SPC570S40E3 Datasheet HTML 26Page - STMicroelectronics SPC570S40E3 Datasheet HTML 27Page - STMicroelectronics SPC570S40E3 Datasheet HTML 28Page - STMicroelectronics SPC570S40E3 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
DocID024492 Rev 6
25/68
SPC570S40Ex, SPC570S50Ex
Electrical characteristics
67
4.6
Operating conditions
Table 9. Device operating conditions(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min Typ
Max
Frequency
fSYS
SR
Device operating
frequency(2)
-40 °C < TJ < 150 °C
—
—
80
MHz
Temperature
TJ
SR P
Operating
temperature
range - junction
—
-40.0
—
150.0
°C
TA (TL to TH)SR P
Ambient operating
temperature
range
—
-40.0
—
125.0
°C
Voltage
VDD_HV_IO
SR
P
I/O supply voltage
LVD290/HVD400
enabled
2.97
—
3.63
V
C
LVD290 enabled
HVD400 disabled
(3),(4)
2.97
—
5.5
VDD_HV_OSC_PMC
SR
P
PMC and OSC
supply voltage
LVD290/HVD400
enabled
2.97
—
3.63
V
C
LVD290 enabled
HVD400 disabled
2.97
—
5.5
VDD_HV_ADC_TSENS
SR
D
SAR ADC supply
voltage
LVD400 enabled
4.5
—
5.5
V
C
LVD400
disabled(3),(5)
3.0
—
3.6
VREFH_ADC
SR P
SAR ADC
reference voltage
—2.0
—
VDD_HV_ADC_TSENS
V
VREFH_ADC -
VDD_HV_ADC_TSENS
SR D
SAR ADC
reference
differential voltage
——
—
25
mV
VRAMP
SR D
Slew rate on
power supply pins
——
—
0.5
V/µs
VIN
SR C
I/O input voltage
range
—0
—
5.5
V
Injection current
IIC
SR T
DC injection
current (per
pin)(6),(7),(8)
Digital pins and
analog pins
-3
—
3
mA
IMAXSEG
SR D
Maximum current
per power
segment(9)
—-80
—
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com