Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC570S40E3 Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPC570S40E3
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPC570S40E3 Datasheet HTML 33Page - STMicroelectronics SPC570S40E3 Datasheet HTML 34Page - STMicroelectronics SPC570S40E3 Datasheet HTML 35Page - STMicroelectronics SPC570S40E3 Datasheet HTML 36Page - STMicroelectronics SPC570S40E3 Datasheet HTML 37Page - STMicroelectronics SPC570S40E3 Datasheet HTML 38Page - STMicroelectronics SPC570S40E3 Datasheet HTML 39Page - STMicroelectronics SPC570S40E3 Datasheet HTML 40Page - STMicroelectronics SPC570S40E3 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
DocID024492 Rev 6
37/68
SPC570S40Ex, SPC570S50Ex
Electrical characteristics
67
4.10
RESET electrical characteristics
The device implements a dedicated bidirectional reset pin (PORST).
Note:
PORST pin does not require active control. It is possible to implement an external pull-up to
ensure correct reset exit sequence. Recommended value is 4.7 Kohm.
Figure 5. Start-up reset requirements
Medium
ROH_M
PMOS output
impedance medium
configuration
3.0 V < VDD_HV_IO < 3.6 V
Push pull, IOH < 0.5 mA
—
—
405
Ω
ROL_M
NMOS output
impedance medium
configuration
3.0 V < VDD_HV_IO < 3.6 V
Push pull, IOL < 0.5 mA
—
—
495
Ω
fmax_M
Output frequency
medium
configuration
CL = 25 pF
—
—
12
MHz
CL = 50 pF
—
—
6
tTR_M
Transition time
output pin medium
configuration
CL = 25 pF
—
—
34
ns
CL = 50 pF
—
—
62
tSKEW_M
Difference between
rise time and fall
time
——
—
46
%
Table 19. I/O output characteristics for pads 4, 9, 11, 55, 56 (continued)
Functionality
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
VIL
VDD
device reset forced by RESET
VDDMIN
RESET
VIH
device start-up phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com