Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC570S40E3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC570S40E3
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC570S40E3 Datasheet HTML 1Page - STMicroelectronics SPC570S40E3 Datasheet HTML 2Page - STMicroelectronics SPC570S40E3 Datasheet HTML 3Page - STMicroelectronics SPC570S40E3 Datasheet HTML 4Page - STMicroelectronics SPC570S40E3 Datasheet HTML 5Page - STMicroelectronics SPC570S40E3 Datasheet HTML 6Page - STMicroelectronics SPC570S40E3 Datasheet HTML 7Page - STMicroelectronics SPC570S40E3 Datasheet HTML 8Page - STMicroelectronics SPC570S40E3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
This is information on a product in full production.
September 2015
DocID024492 Rev 6
1/68
SPC570S40E1, SPC570S40E3,
SPC570S50E1, SPC570S50E3
32-bit Power Architecture® microcontroller for automotive ASILD
applications
Datasheet
- production data
Features
• High performance e200z0h dual core
– 32-bit Power Architecture technology CPU
– Core frequency as high as 80 MHz
– Single issue 4-stage pipeline in-order
execution core
– Variable Length Encoding (VLE)
• Up to 544 KB (512 KB code + 32 KB data,
suitable for EEPROM emulation) on-chip flash
memory: supports read during program and
erase operations, and multiple blocks allowing
EEPROM emulation
• Up to 48 KB on-chip general-purpose SRAM
• Multi-channel direct memory access controller
(eDMA paired in lockstep) with 16 channels
• Comprehensive new generation ASILD safety
concept
– Safety of bus masters (core+INTC, DMA)
by delayed lockstep approach
– Safety of storage (Flash, SRAM) by mainly
ECC
– Safety of the data path to storage and
periphery by mainly End-to-End EDC (E2E
EDC)
– Clock and power, generation and
distribution, supervised by dedicated
monitors
– Fault Collection and Control Unit (FCCU)
for collection and reaction to failure
notifications
– Memory Error Management Unit (MEMU)
for collection and reporting of error events
in memories
– Boot time MBIST and LBIST for latent
faults
– Check of safety mechanisms availability
and error reaction path functionality by
dedicated mechanisms
– Safety of the periphery by application-level
measures supported by replicated
peripheral bridges and by LBIST
– Further measures on dedicated peripherals
(e.g. ADC supervisor)
– Junction temperature sensor
– 8-region system memory protection unit
(SMPU) with process ID support (tasks
isolation)
– Enhanced SW watchdog
– Cyclic redundancy check (CRC) unit
• Dual phase-locked loops with stable clock
domain for peripherals and FM modulation
domain for computational shell
• Nexus Class 3 debug and trace interface
• Communication interfaces
– 2 LINFlexD modules
– 3 deserial serial peripheral interface (DSPI)
modules
– Up to 2 FlexCAN interfaces with 32
message buffers each
• On-chip CAN/UART Bootstrap loader with Boot
Assisted Flash (BAF). Physical Interface (PHY)
can be
–UART
–CAN
• 2 enhanced 12-bit SAR analog converters
– 1.5 µs conversion time (12 MHz)
– 16 physical channels (fully shared between
the 2 SARADC units)
– Supervisor ADC concept
– Programmable Cross Triggering Unit (CTU)
• Single 3.3 V or 5 V voltage supply
• 4 general purpose eTimer units (6 channels
each)
• Junction temperature range -40 °C to 150 °C
eTQFP64 (10 x 10 x 1.0 mm)
eTQFP100 (14 x 14 x 1.0 mm)
www.st.com


Similar Part No. - SPC570S40E3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC570S40E3 STMICROELECTRONICS-SPC570S40E3 Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E3BXXXR STMICROELECTRONICS-SPC570S40E3BXXXR Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E3BXXXY STMICROELECTRONICS-SPC570S40E3BXXXY Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E3CXXXR STMICROELECTRONICS-SPC570S40E3CXXXR Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
SPC570S40E3CXXXY STMICROELECTRONICS-SPC570S40E3CXXXY Datasheet
1Mb / 75P
32-bit Power Architecture microcontroller for automotive ASILD applications
31-Jan-2018
More results

Similar Description - SPC570S40E3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
32-bit RISC, load/store architecture, five-stage pipeline
MB91460T CYPRESS-MB91460T Datasheet
12Mb / 137P
32-bit RISC, load/store architecture, five-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
32-bit RISC, load/store architecture, 5-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
32-bit RISC, load/store architecture, five-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
32-bit RISC, load/store architecture, five-stage pipeline
logo
STMicroelectronics
SPC56EL60X STMICROELECTRONICS-SPC56EL60X Datasheet
2Mb / 165P
Dual issue five-stage pipeline core
08-Jul-2015
logo
Broadcom Corporation.
BCM53001 BOARDCOM-BCM53001 Datasheet
83Kb / 2P
Dual-issue machine with out-of-order execution
logo
NXP Semiconductors
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com