Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC570S40E3 Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPC570S40E3
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPC570S40E3 Datasheet HTML 31Page - STMicroelectronics SPC570S40E3 Datasheet HTML 32Page - STMicroelectronics SPC570S40E3 Datasheet HTML 33Page - STMicroelectronics SPC570S40E3 Datasheet HTML 34Page - STMicroelectronics SPC570S40E3 Datasheet HTML 35Page - STMicroelectronics SPC570S40E3 Datasheet HTML 36Page - STMicroelectronics SPC570S40E3 Datasheet HTML 37Page - STMicroelectronics SPC570S40E3 Datasheet HTML 38Page - STMicroelectronics SPC570S40E3 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
DocID024492 Rev 6
35/68
SPC570S40Ex, SPC570S50Ex
Electrical characteristics
67
tTR_S
C
C
D
Transition time output pin
strong configuration
3.0 V < VDD_HV_IO < 3.6 V
CL = 25 pF
——
11
ns
3.0 V < VDD_HV_IO < 3.6 V
CL = 50 pF
——
22
4.5 V < VDD_HV_IO < 5.5 V
CL = 25 pF
——
8
4.5 V < VDD_HV_IO < 5.5 V
CL = 50 pF
——
13
tSKEW_S
C
C
T
Difference between rise
time and fall time
3.0 V < VDD_HV_IO < 3.6 V
—
—
40
%
4.5 V < VDD_HV_IO < 5.5 V
—
—
28
Table 17. Strong configuration I/O output characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Table 18. Very Strong configuration I/O output characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
ROH_V
C
C
P
PMOS output impedance
very strong configuration
3.0 V < VDD_HV_IO < 3.6 V
Push pull, IOH < 7 mA
——
85
Ω
4.5 V < VDD_HV_IO < 5.5 V
Push pull, IOH < 8 mA
——
65
ROL_V
C
C
P
NMOS output impedance
very strong configuration
3.0 V < VDD_HV_IO < 3.6 V
Push pull, IOL < 7 mA
——
85
Ω
4.5 V < VDD_HV_IO < 5.5 V
Push pull, IOL < 8 mA
——
65
fmax_V
C
C
T
Output frequency very
strong configuration
3.0 V < VDD_HV_IO < 3.6 V
CL = 15 pF
——
50
MHz
3.0 V < VDD_HV_IO < 3.6 V
CL = 25 pF
——
30
3.0 V < VDD_HV_IO < 3.6 V
Td = 0.6 ns, load = 10 pF
——
25
4.5 V < VDD_HV_IO < 5.5 V
CL = 25 pF
——
50
4.5 V < VDD_HV_IO < 5.5 V
CL = 50 pF
——
25
4.5 V < VDD_HV_IO < 5.5 V
Td = 1 ns, load = 10 pF
——
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com