Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC570S40E3 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPC570S40E3
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPC570S40E3 Datasheet HTML 36Page - STMicroelectronics SPC570S40E3 Datasheet HTML 37Page - STMicroelectronics SPC570S40E3 Datasheet HTML 38Page - STMicroelectronics SPC570S40E3 Datasheet HTML 39Page - STMicroelectronics SPC570S40E3 Datasheet HTML 40Page - STMicroelectronics SPC570S40E3 Datasheet HTML 41Page - STMicroelectronics SPC570S40E3 Datasheet HTML 42Page - STMicroelectronics SPC570S40E3 Datasheet HTML 43Page - STMicroelectronics SPC570S40E3 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
Electrical characteristics
SPC570S40Ex, SPC570S50Ex
40/68
DocID024492 Rev 6
The following supplies are involved:
•
HV—High voltage external power supply for voltage regulator module. This must be
provided externally through VDD_HV_OSC_PMC power pin.
•
BV—High voltage external power supply for internal ballast module. This must be
provided externally through VDD_HV_IO power pins. Voltage values should be aligned
with VDD_HV_OSC_PMC.
•
LV—Low voltage internal power supply for core, PLL and Flash digital logic. This is
generated by the internal voltage regulator but provided outside to connect stability
capacitor. It is split into three further domains to ensure noise isolation between critical
LV modules within the device:
–
LV_COR—Low voltage supply for the core. It is also used to provide supply for
PLL1 through double bonding.
–
LV_FLA—Low voltage supply for code Flash module. It is supplied with dedicated
ballast and shorted to LV_COR through double bonding.
–
LV_PLL—Low voltage supply for PLL1. It is shorted to LV_COR through double
bonding.
Figure 7. Recommended parasitics on board
CV1V2
DEVICE
VDD_HV_IO (ballast supply)
VDD_LV
I
VDD_LVn
VREF
VDD_HV_OSC_PMC
Voltage
VSS
CREG
Regulator
VDD_HV_IO
(ballast supply)
(12, 19)
(13, 20)
VDD_HV_IO (ballast supply)
(54, 85)
CV1V2
CV1V2
VDD_HV_IO
(46, 51)
(ballast supply)
VDD_HV_IO (ballast supply)
(33, 51)
VDD_LV
(45, 68)
VDD_LV
(34, 52)
VDD_HV_OSC_PMC
(37, 55)
CDECBV
2.2 µF
2.2 µF
100 nF
Pin configuration: (x, y)
where x is the pin number in the 64-pin package
and y is the pin number in the 100-pin package
DEVICE
Table 21. Voltage regulator electrical characteristics
Symbol
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
CREG
SR
Main internal voltage regulator
stability external capacitance
—1.1
2.2(3)
2.97
µF
RDECREGn SR
Stability capacitor equivalent serial
resistance
Total resistance including
board track
1—
50
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com