Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC570S40E3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC570S40E3
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC570S40E3 Datasheet HTML 3Page - STMicroelectronics SPC570S40E3 Datasheet HTML 4Page - STMicroelectronics SPC570S40E3 Datasheet HTML 5Page - STMicroelectronics SPC570S40E3 Datasheet HTML 6Page - STMicroelectronics SPC570S40E3 Datasheet HTML 7Page - STMicroelectronics SPC570S40E3 Datasheet HTML 8Page - STMicroelectronics SPC570S40E3 Datasheet HTML 9Page - STMicroelectronics SPC570S40E3 Datasheet HTML 10Page - STMicroelectronics SPC570S40E3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
DocID024492 Rev 6
7/68
SPC570S40Ex, SPC570S50Ex
Introduction
67
UTEST flash memory
8 KB
Boot assist flash (BAF)
8 KB
CRC
1
LINFlexD
2
FlexCAN
2
DSPI
3
eTimer
4 x 6 channels
ADC (SAR)
2(3)
CTU (Cross Triggering Unit)
1
Temperature sensor
1
Self-test control unit (memory and logic BIST)
1
FCCU
1
MEMU
1
PLL
Dual PLL with FM
Nexus
3(4)
Sequence processing unit (SPU)
1
External power supplies
5 V(5)
3.3 V(5)
Junction temperature
−40 to 150 °C
Packages
Device SPC570SxxE3
eTQFP100
Device SPC570SxxE1
eTQFP64
1. Includes user programmable CPU core and one safety core. The two e200z0h processors in the lockstep
pair run at 80 MHz. The e200z0h is compatible with the Power Architecture embedded specification.
2. SMPU with process ID support extension
3. One ADC can be used as supervisor ADC
4. Including trace for the crossbar masters (data & instruction trace on core and data trace on eDMA). 4 MDO
pin Nexus trace port
5. All I/Os can be supplied at 3.3 V or 5 V (mutually exclusive)
Table 1. SPC570Sx device feature summary (Family Superset Configuration)
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com