Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC570S40E3 Datasheet(PDF) 48 Page - STMicroelectronics

Part # SPC570S40E3
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button SPC570S40E3 Datasheet HTML 44Page - STMicroelectronics SPC570S40E3 Datasheet HTML 45Page - STMicroelectronics SPC570S40E3 Datasheet HTML 46Page - STMicroelectronics SPC570S40E3 Datasheet HTML 47Page - STMicroelectronics SPC570S40E3 Datasheet HTML 48Page - STMicroelectronics SPC570S40E3 Datasheet HTML 49Page - STMicroelectronics SPC570S40E3 Datasheet HTML 50Page - STMicroelectronics SPC570S40E3 Datasheet HTML 51Page - STMicroelectronics SPC570S40E3 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
Electrical characteristics
SPC570S40Ex, SPC570S50Ex
48/68
DocID024492 Rev 6
Figure 9. Test circuit
Table 29. Selectable load capacitance
load_cap_sel[4:0] from DCF record
Capacitance offered on EXTAL/XTAL
(Cx and Cy)(1) (pF)
1. Values are determined from simulation with a tolerance of ±15%.
00000
1.032
00001
1.976
00010
2.898
00011
3.823
00100
4.751
00101
5.679
00110
6.605
00111
7.536
01000
8.460
01001
9.390
01010
10.317
01011
11.245
01100
12.173
01101
13.101
01110
14.029
01111
14.957
V
+
-
A
IXTAL
OFF
PCB GND
Tester
ALC
Z = R + j
ωL
VEXTAL = 0 V
VXTAL = 0 V
ALC INACTIVE
Conditions
XTAL
EXTAL
VSSOSC
VSS
VDDOSC
Bias current
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com