| Electronic Components Datasheet Search |
|
WM9712LGEFL/V Datasheet(PDF) 41 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9712LGEFL/V Datasheet(HTML) 41 Page - Wolfson Microelectronics plc |
|
41 / 77 page ![]() Production Data WM9712L w PD Rev 4.5 August 2006 41 For an X co-ordinate measurement, the top left and bottom left corners of the touchpanel are grounded internally to the WM9712, while the top right and bottom right contacts are connected to TPVDD. The bottom plate becomes a potential divider with a voltage gradient in the X direction. The voltage at the point of contact is proportional to its X co-ordinate. This voltage is measured on the TOP pin and converted to a digital value by the ADC. Due to the ratiometric measurement method, the supply voltage does not affect measurement accuracy. The voltage references VREF+ and VREF- are taken from after the matrix switches, so that any voltage drop in these switches has no effect on the ADC measurement. V M = proportional to Y position WM9712 WIPER (12) TR (15) ADC V REF+ V REF- VM TPGND TPVDD TPGND TPVDD BR (14) BL (17) TL (16) Figure 11 Y Co-ordinate Measurement on 5-wire Touchpanel Y co-ordinate measurements are similar to Y co-ordinate measurements. However, the voltage gradient on the bottom plate is in the Y direction instead of the X direction. This is achieved by grounding the bottom left and bottom right corners of the touchpanel, and connecting the top left and top right contacts to TPVDD. WM9712 WIPER (12) TR (15) TPGND TPGND TPGND TPGND BR (14) BL (17) TL (16) zero power comparator VDD R PU PEN DOWN Figure 12 Pen Down Detection on 5-wire Touchpanel Pen down detection works in a similar fashion for both 4-wire and 5-wire touchpanels (see Four-Wire Touchpanel Operation). On a 5-wire touchpanel, all four contacts of the bottom plate are grounded, and the top plate contact is connected to the internal programmable pull-up resistor, RPU. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |