Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712LGEFL/V Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM9712LGEFL/V
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712LGEFL/V Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM9712LGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
WM9712L
Production Data
w
PD Rev 4.5 August 2006
52
GPIO
BIT
SLOT12
BIT
TYPE
PIN NO.
DESCRIPTION
1
5
GPIO Pin
44
GPIO1
2
6
GPIO Pin
45
GPIO2 / IRQ
enabled only when pin not used as IRQ
3
7
GPIO Pin
46
GPIO3 / PENDOWN
enabled only when pin not used as PENDOWN
4
8
GPIO Pin
47
GPIO4 / ADA / MASK
enabled only when pin not used as ADA
5
9
GPIO Pin
48
GPIO5 / SPDIF_OUT
enabled only when pin not used as
SPDIF_OUT
6-10
N/A
Unused
-
GPIO Logic not implemented for these bits
11
15
Virtual
GPIO
-
[Thermal Cutout]
Internal thermal cutout signal, indicates when
internal temperature reaches approximately
150
°C (see “Thermal Sensor”)
12
16
virtual
GPIO
-
[ADA]
Internal ADA (ADC Data Available) Signal
enabled only when auxiliary ADC is active
13
17
Virtual
GPIO
-
[PEN DOWN]
Internal PENDOWN Signal
enabled only when pen-down detection is
active
14
18
Virtual
GPIO
-
[COMP2]
Internal COMP2 output (Low Battery Alarm)
enabled only when COMP2 is on
15
19
Virtual
GPIO
-
[COMP1]
Internal COMP1 output (Dead Battery Alarm)
enabled only when COMP1 is on
Table 37 GPIO Bits and Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com