Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712LGEFL/V Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM9712LGEFL/V
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712LGEFL/V Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM9712LGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
WM9712L
Production Data
w
PD Rev 4.5 August 2006
70
Register 64h
controls the input signal of the auxiliary DAC.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
XSLE
0
Selects input for AUXDAC. 0=from AUXDACVAL (for DC
signals), 1=from AC-Link slot (for AC signals)
14:12
AUXDACSLT
000 (Slot 5)
Selects input slot for AUXDAC (with XSLE=1)
64h
11:0
AUXDACVAL
000000000
AUXDAC Digital Input for AUXDAC (with XSLE=0). 000h=
minimum, FFFh=full-scale
Auxiliary DAC
Registers 76h, 78h and 7Ah
control the touchpanel interface.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
POLL
0
Writing “1” starts a measurement (this bit resets itself)
14:12
ADCSEL
000 (none)
Selects measurement type
11
COO
0 (OFF)
Enables co-ordinate mode
10
CTC
0 (polling)
Enables continuous conversions
9:8
CR
00 (93.75Hz)
Controls conversion rate in continuous mode
7:4
DEL
0000 (20.8
µs)
Controls touchpanel settling time
3
SLEN
1
Enables slot readback of touchpanel data
76h
2:0
SLT
10
Selects time slot for readback of touchpanel data
15:14
PRP
00
Selects mode of operation. 00=OFF, 01=pen detect with
wake-up, 10=pen detect without wake-up, 11=running
13
RPR
0
Selects wake-up mode. 0=AC-Link only, 1=AC-Link and
WM9712L auto-wake-up
12
45W
0 (4-wire)
Selects 4-wire or 5-wire touchpanel
11
PDEN
0 (always)
Selects when touchpanel measurements take place.
0=always, 1=only when pen is down
9
WAIT
0
Controls data readback from register 7Ah. 0=overwrite old
data with new, 1=wait until old data has been read
8
PIL
0 (200
µA)
Controls current used for pressure measurement. 1=400
µA
7:6
MSK
00 (OFF)
Controls MASK feature
78h
5:0
RPU
000001 (64k
Ω)
Controls internal pull-up resistor for pen-down detection
15
PNDN
0 (pen up)
Indicates pen status.
14:12
ADCSRC
000 (none)
Indicates measurement type
7Ah
read
only
11:0
ADCD
000h
Returns data from touchpanel / AUXADC
Touchpanel
Interface
Register 7Ch and 7Eh
are read-only registers that indicate to the driver that the codec is a WM9712L.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:8
F7:0
57h
ASCII character “W” for Wolfson
7Ch
7:0
S7:0
4Dh
ASCII character “M”
15:8
T7:0
4Ch
ASCII character “L”
7Eh
7:0
REV7:0
12h
12 for WM9712L
Intel’s AC’97
Component
Specification,
Revision 2.2,
page 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com