Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712LGEFL/V Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM9712LGEFL/V
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712LGEFL/V Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM9712LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
Production Data
WM9712L
w
PD Rev 4.5 August 2006
43
INITIATION OF MEASUREMENTS
The WM9712L touchpanel interface supports both polling routines and DMA (direct memory access)
to control the flow of data from the touchpanel ADC to the host CPU.
In a polling routine, the CPU starts each measurement individually by writing to the POLL bit (register
76h, bit 15). This bit automatically resets itself when the measurement is completed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10
CTC
0
0: Polling mode
1: Continuous mode (for DMA)
15
POLL
0
Writing “1” initiates a measurement
76h
9:8
CR
00
Continuous mode rate (DEL ≠ 1111)
00: 93.75 Hz (every 512 AC-Link frames)
01: 187.5 Hz (every 256 AC-Link frames)
10: 375Hz (every 128 AC-Link frames)
11: 750Hz (every 64 AC-Link frames)
Continuous mode rate (DEL = 1111)
00: 8 kHz (every six AC-Link frames)
01: 12 kHz (every four AC-Link frames)
10: 24 kHz (every other AC-Link frame)
11: 48 kHz (every AC-Link frame)
78h
11
PDEN
0
0: measure regardless of pen status
1: measure only when pen is down (when
CTC=0 and POLL=1, measurement is
delayed until pen-down; when CTC=1,
measurements are stopped on pen-up)
Table 27 Touchpanel Digitiser Control (Initiation of Measurements)
In continuous mode (CTC = 1), the WM9712L autonomously initiates measurements at the rate set
by CR, and supplies the measured data to the CPU on one of the unused AC’97 time slots. DMA-
enabled CPUs can write the data directly into a FIFO without any intervention by the CPU core. This
reduces CPU loading and speeds up the execution of user programs in handheld systems.
Note that the measurement frequency in continuous mode is also affected by the DEL bits (see
“Touchpanel Settling Time”). The faster rates achieved when DEL = 1111 may be useful when the
ADC is used for auxiliary measurements.
MEASUREMENT TYPES
The ADCSEL control bits determine which type of measurement is performed (see below).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
14:12
ADCSEL
000
Measurement Type (ADC Input Selector)
000: No measurement
001: X co-ordinate measurement
010: Y co-ordinate measurement
011: Pressure measurement
100: COMP1/AUX1 measurement (pin 29)
101: COMP2/AUX2 measurement (pin 30)
110: BMON/AUX3 measurement (pin 31)
111: WIPER/AUX4 measurement (pin 12)
76h
11
COO
0
Enable co-ordinate mode
0: Single measurement according to ADCSEL
1: X, then Y, then additional measurement
indicated by ADCSEL
Table 28 Touchpanel Digitiser Control (Measurement Types)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com