Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712LGEFL/V Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM9712LGEFL/V
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712LGEFL/V Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM9712LGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
Production Data
WM9712L
w
PD Rev 4.5 August 2006
73
AC-COUPLED HEADPHONE OUTPUT
The circuit diagram below shows how to connect a stereo headphone to the WM9712L.
C2 220uF
HPOUTL
HPOUTR
HPGND = 0V
C1 220uF
WM9712L
Figure 25 Simple Headphone Output Circuit Diagram
The DC blocking capacitors C1 and C2 together with the load resistance determine the lower cut-off
frequency, fc. Increasing the capacitance lowers fc, improving the bass response. Smaller
capacitance values will diminish the bass response. For example, with a 16
Ω load and C1 = 220µF:
fc = 1 / 2
π RLC1 = 1 / (2π x 16Ω x 220µF) = 45 Hz
DC COUPLED (CAPLESS) HEADPHONE OUTPUT
In the interest of saving board space and cost, it may be desirable to eliminate the 220
µF DC
blocking capacitors. This can be achieved by using OUT3 as a headphone pseudo-ground, as shown
below.
WM9712L
HPOUTL
HPOUTR
OUT3 = AVDD/2
Figure 26 Capless Headphone Output Circuit Diagram (OUT3SRC = 10)
As the OUT3 pin produces a DC voltage of AVDD/2, there is no DC offset between
HPOUTL/HPOUTR and OUT3, and therefore no DC blocking capacitors are required. However, this
configuration has some drawbacks:
•
The power consumption of the WM9712L is increased, due to the additional power
consumed in the OUT3 output buffer.
•
If the DC coupled output is connected to the line-in of a grounded piece of equipment,
then OUT3 becomes short-circuited. Although the built-in short circuit protection will
prevent any damage to the WM9712L, the audio signal will not be transmitted properly.
•
OUT3 cannot be used for another purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com