Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712LGEFL/V Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM9712LGEFL/V
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712LGEFL/V Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM9712LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
Production Data
WM9712L
w
PD Rev 4.5 August 2006
47
AUXILIARY ADC INPUTS
The ADC used for touchpanel digitisation can also be used for auxiliary measurements, provided that
it is enabled (register 78h, PRP = 11). The WM9712L has four pins that can be used as auxiliary
ADC inputs:
•
COMP1 / AUX1 (pin 29)
•
COMP2 / AUX2 (pin 30)
•
BMON / AUX3 (pin 31)
•
WIPER / AUX4 (pin 12)
Note that pin 12 connects to the wiper of a 5-wire touchpanel wiper function. Auxiliary measurements
taken on pin 12 are only meaningful when it is not connected to a touchpanel (i.e. a 4-wire
touchpanel, or no touchpanel at all, is used). Pins 29 and 30 are also used as comparator inputs (see
Battery Alarm and Battery Measurement), but auxiliary measurements can still be taken on these
pins at any time. For the use of pin 31 see the “Battery Alarm And Battery Measurement” section,
note that the measured value from the BMON/AUX3 pin will be 1/3 of the actual value due to the
potential divider on this pin. The ADCSEL control bits select between different ADC inputs, as shown
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
76h
Touchpanel
Digitiser
Control
14:12
ADCSEL
000
Touchpanel ADC Input Selector
000: No measurement
001-011: Touchpanel measurement (please
refer to Touchpanel Digitiser section)
100: COMP1 / AUX1 measurement (pin 29)
101: COMP2 AUX2 measurement (pin 30)
110: BMON / AUX3 measurement (pin 31)
111: WIPER / AUX 4 measurement (pin 12)
Table 34 Auxiliary ADC Measurements
Auxiliary ADC measurements are initiated in the same way as touchpanel measurements, and the
data is returned in the same manner. Please refer to the “Controlling the Touchpanel Interface”
section.
BATTERY MEASUREMENT USING THE BMON/AUX3 PIN
BMON/AUX3 (pin 31) has the capability to take inputs up to 5 volts (Assuming AVDD=3.3V) by
dividing down the input signal. The internal potential divider has a total resistance of 30k
Ω. However,
it is only connected to the pin when an AUX3 measurement is requested, and remains connected for
the duration of one AC-Link frame (20.83
µs, assuming a 24.576MHz clock crystal is used). The
effective input impedance of BMON/AUX3 is therefore given by:
RBMON = 30k
Ω × 48kHz / [BMON sampling rate]
For example, if BMON is sampled ten times per second, the effective input resistance is 30k
Ω ×
48kHz / 10Hz = 144M
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com