Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712LGEFL/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM9712LGEFL/V
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712LGEFL/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM9712LGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
Production Data
WM9712L
w
PD Rev 4.5 August 2006
15
AUDIO INPUTS
The following sections give an overview of the analogue audio input pins and their function. For more
information on recommended external components, please refer to the “Applications Information”
section.
LINE INPUT
The LINEINL and LINEINR inputs are designed to record line level signals, and/or to mix into one of
the analogue outputs.
Both pins are directly connected to the record selector. The record PGA adjusts the recording
volume, controlled by register 1Ch or by the ALC function.
For analogue mixing, the line input signals pass through a separate PGA, controlled by register 10h.
The signals can be routed into all three output mixers (headphone, speaker and phone). Each
LINEIN-to-mixer path has an independent mute bit. When the line inputs are not used, the line-in
PGA can be switched off to save power (see “Power Management” section).
LINEINL and LINEINR are biased internally to the reference voltage VREF. Whenever the inputs are
muted or the device placed into standby mode, the inputs remain biased to VREF using special anti-
thump circuitry to suppress any audible clicks when changing inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12:8
LINEINL
VOL
01000
(0dB)
LINEINL input gain
00000: +12dB
… (1.5dB steps)
11111: -34.5dB
4:0
LINEINR
VOL
01000
(0dB)
LINEINR input gain
similar to LINEINLVOL
15
L2H
1
Mute LINEIN path to headphone mixer
1: Mute, 0: No mute (ON)
14
L2S
1
Mute LINEIN path to speaker mixer
1: Mute, 0: No mute (ON)
10h
13
L2P
1
Mute LINEIN path to phone mixer
1: Mute, 0: No mute (ON)
Table 2 Line Input Control
MICROPHONE INPUT
The MIC1 and MIC2 inputs are designed for direct connection to single-ended mono, stereo or
differential mono microphone. If the microphone is mono, the same signal appears on both left and
right channels. In stereo mode, MIC1 is routed to the left and MIC2 to the right channel.
For voice recording, the microphone signal is directly connected to the record selector. The record
PGA adjusts the recording volume, controlled by register 1Ch or by the ALC function.
For analogue mixing, the signal passes through a separate PGA, controlled by register 0Eh. The
microphone signal can be routed into the phone mixer (for normal phone call operation) and/or the
headphone mixer (using register 14h, see “Audio Mixers / Sidetone Control” section), but not into the
speaker mixer (to prevent acoustic feedback from the speaker into the microphone). When the
microphone inputs are not used, the microphone PGA can be switched off to save power (see
“Power Management” section).
MIC1 and MIC2 are biased internally to the reference voltage VREF. Whenever the inputs are muted
or the device placed into standby mode, the inputs remain biased to VREF using special anti-thump
circuitry to suppress any audible clicks when changing inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com