Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712LGEFL/V Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM9712LGEFL/V
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712LGEFL/V Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM9712LGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
WM9712L
Production Data
w
PD Rev 4.5 August 2006
36
SPEAKER MIXER
The speaker mixer drives the LOUT2 and ROUT2 output. The following signals can be mixed into the
speaker path:
•
PHONE (controlled by register 0Ch, see “Audio Inputs”)
•
LINE_IN (controlled by register 10h, see “Audio Inputs”)
•
the stereo DAC signal (controlled by register 18h, see “Audio DACs”)
•
PC_BEEP (controlled by register 0Ah, see “Audio Inputs”)
•
the AUXDAC signal (controlled by register 12h, see “Auxiliary DAC”)
In a typical smartphone application, the speaker signal is a mix of AUXDAC (for system alerts or ring
tone playback), PHONE (for speakerphone function), and PC_BEEP (for externally generated ring
tones).
MONO MIXER
The mono mixer drives the MONOOUT pin. The following signals can be mixed into MONOOUT:
•
LINE_IN (controlled by register 10h, see “Audio Inputs”)
•
the output of the Record PGA (see “Audio ADC”, “Record Gain”)
•
the stereo DAC signal (controlled by register 18h, see “Audio DACs”)
•
the MIC signal (controlled by register 10h, see “Audio Inputs”)
•
PC_BEEP (controlled by register 0Ah, see “Audio Inputs”)
•
the AUXDAC signal (controlled by register 12h, see “Auxiliary DAC”)
In a typical smartphone application, the MONOOUT signal is a mix of the amplified microphone
signal (possibly with Automatic Gain Control) and (if enabled) an audio playback signal from the
stereo DAC or the auxiliary DAC.
SIDE TONE CONTROL
The side tone path is into the headphone mixer and is either from the MIC or ALC path (with no 20dB
boost)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
STM
1
MIC side tone select
0: selected
1 : not selected (path muted)
14:12
STVOL
010
(0dB)
MIC Sidetone volume
000 : +6dB (max.)
001: +3dB
… (3dB steps)
111 : -15dB (min.)
11:10
ALCM
11
ALC side tone select
11: mute
10: mono – left
01: mono – right
00: stereo
14h
Sidetone
Control
9:7
ALCVOL
010
(0dB)
ALC Sidetone volume
Similar to STVOL
Table 23 Side Tone Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com