Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712LGEFL/V Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM9712LGEFL/V
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712LGEFL/V Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM9712LGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM9712LGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
Production Data
WM9712L
w
PD Rev 4.5 August 2006
67
Register 26h
is for power management according to the AC’97 specification. Note that the actual state of many circuit
blocks depends on both register 24h AND register 26h.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
14
PR6
Disables HPOUTL, HPOUTR and OUT3 Buffer
13
PR5
Disables Internal Clock
12
PR4
Disables AC-link interface (external clock off)
11
PR3
Disables VREF, analogue mixers and outputs
10
PR2
Disables analogue mixers, LOUT2, ROUT2 (but not VREF)
9
PR1
Disables Stereo DAC and AUXDAC
8
PR0
see note
Disables audio ADCs and input Mux
3
REF
inverse of PR2
Read-only bit, Indicates VREF is ready
2
ANL
inverse of PR3
Read-only bit, indicates analogue mixers are ready
1
DAC
inverse of PR1
Read-only bit, indicates audio DACs are ready
0
ADC
inverse of PR0
Read-only bit, indicates audio ADCs are ready
Power
Management
Note:
PR6 to PR0 default to 1 if pin 47 is held high during reset, otherwise they default to 0.
Register 28h
is a read-only register that indicates to the driver which advanced AC’97 features the WM9712L supports.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:14
ID
00
Indicates that the WM9712L is configured as the primary codec in
the system.
11:10
REV
01
Indicates that the WM9712L conforms to AC’97 Rev2.2
9
AMAP
0
Indicates that the WM9712L does not support slot mapping
8
LDAC
0
Indicates that the WM9712L does not have an LFE DAC
7
SDAC
0
Indicates that the WM9712L does not have Surround DACs
6
CDAC
0
Indicates that the WM9712L does not have a Centre DAC
3
VRM
0
Indicates that the WM9712L does not have a dedicated, variable
rate microphone ADC
2
SPDIF
1
Indicates that the WM9712L supports SPDIF output
1
DRA
0
Indicates that the WM9712L does not support double rate audio
28h
0
VRA
1
Indicates that the WM9712L supports variable rate audio
Intel’s AC’97
Component
Specification,
Revision 2.2,
page 59
Register 2Ah
controls the SPDIF output and variable rate audio.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
10
SPCV
1 (valid)
SPDIF validity bit (read-only)
5:4
SPSA
01 (slots 6, 9)
Controls SPDIF slot assignment. 00=slots 3 and 4,
01=6/9, 10=7/8, 11=10/11
2
SEN
0 (OFF)
Enables SPDIF output enable
2Ah
0
VRA
0 (OFF)
Enables variable rate audio
Digital Audio
(SPDIF)
Output
Registers 2Ch, 2Eh 32h and
control the sample rates for the stereo DAC, auxiliary DAC and audio ADC, respectively.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2Ch
all
DACSR
BB80h
Controls stereo DAC sample rate
2Eh
all
AUXDACSR
BB80h
Controls auxiliary DAC sample rate
32h
all
ADCSR
BB80h
Controls audio ADC sample rate
Variable Rate
Audio /
Sample Rate
Conversion
Note:
The VRA bit in register 2Ah must be set first to obtain sample rates other than 48kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com