Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT87C5111-ICSIL Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 72Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 73Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 74Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 75Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 76Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 77Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 78Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 79Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
76
AT8xC5111
4190A–8051–11/02
DC Parameters for A/D
Converter
TA = 0
°C to +70°C; V
SS = 0V; VCC = 2.7V to 5.5V .
TA = -40
°C to +85°C; V
SS = 0V; VCC = 2.7V to 5.5V .
Table 3. DC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Resolution
10
bit
AV
IN
Analog input voltage
Vss - 0.2
Vcc + 0.2
V
R
REF
Resistance between V
REF
and Vss
13
18
24
k
Ω
Cai
Analog input Capacitance
60
pF
During sampling
Integral non-linearity
1
2
lsb
0.9 Vcc< VREF <
Vcc
Differential non-linearity
0.5
1
lsb
0.9 Vcc< V
REF <
Vcc
Offset error
-2
2
lsb
0.9 Vcc< V
REF <
Vcc
Input source impedance
1
k
Ω
For 10-bit
resolution at
maximum speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com