Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT87C5111-ICSIL Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 65Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 66Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 67Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 68Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 69Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 70Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 71Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 72Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
69
AT8xC5111
4190A–8051–11/02
EPROM
EPROM Programming
Specific algorithm is implemented, use qualified device programmers from third party
vendors.
EPROM Erasure
(Windowed Packages
Only)
Erasing the EPROM erases the code array, the encryption array and the lock bits return-
ing the parts to full functionality.
Erasure leaves all the EPROM cells in a 1’s state (FF).
Erasure Characteristics
The recommended erasure procedure is exposure to ultraviolet light (at 2537 Å) to an
integrated dose at least 15 W-sec/cm2. Exposing the EPROM to an ultraviolet lamp of
12,000
µW/cm2 rating for 30 minutes, at a distance of about 25 mm, should be sufficient.
An exposure of 1 hour is recommended with most of standard erasers.
Erasure of the EPROM begins to occur when the chip is exposed to light with wave-
length shorter than approximately 4,000 Å. Since sunlight and fluorescent lighting have
wavelengths in this range, exposure to these light sources over an extended time (about
1 week in sunlight, or 3 years in room-level fluorescent lighting) could cause inadvertent
erasure. If an application subjects the device to this type of exposure, it is suggested
that an opaque label be placed over the window.
Signature Bytes
Signature Bytes Content
The AT8xC5111 has four signature bytes in location 30h, 31h, 60h and 61h. To read
these bytes follow the procedure for EPROM signature bytes reading. Table 56. shows
the content of the signature byte for the AT8xC5111.
Table 1. Signature Bytes Content
Location
Contents
Comment
30h
58h
Manufacturer Code: Atmel
31h
57h
Family Code: C51 X2
60h
2Eh
Product name: AT8xC5111 4K ROM version
60h
AEh
Product name: AT8xC5111 4K OTP version
61h
EFh
Product revision number: AT8xC5111 Rev.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com