Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT87C5111-ICSIL Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 16Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 17Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 18Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 19Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 20Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 21Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 22Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 23Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
20
AT8xC5111
4190A–8051–11/02
Figure 3. Push-pull Output
Input Only Configuration
The input only configuration is a pure input with neither pull-up nor pull-down.
The input only configuration is shown in Figure 5.
Figure 4. Input only
Ports Description
Ports P1, P3 and P4
Every output on the AT8xC5111 may potentially be used as a 20 mA sink LED drive out-
put. However, there is a maximum total output current for all ports which must not be
exceeded. All port pins of the AT8xC5111 have slew rate controlled outputs. This is to
limit noise generated by quickly switching output signals. The slew rate is factory set to
approximately 10 ns rise and fall times.
The inputs of each I/O port of the AT8xC5111 are TTL level Schmitt triggers with
hysteresis.
Ports P0 and P2
The high pin-count version of the AT8xC5111 has standard address and data ports P0
and P2. These ports are standard C51 ports (Quasi bi-directional I/O). The control lines
are provided on the pins: ALE, PSEN, EA, Reset; RD and WR signals are on the bits
P1.1 and P1.0 .
Input
Pin
Strong
N
P
Port latch
Data
Data
Input
Pin
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com