Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT87C5111-ICSIL Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 10Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 11Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 12Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 13Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 14Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 15Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 16Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 17Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
14
AT8xC5111
4190A–8051–11/02
Reset and Power
Management
The power monitoring and management can be used to supervise the Power Supply
(V
DD) and to start up properly when AT8xC5111 is powered up.
It consists of the features listed below and explained hereafter:
•
Power-off flag
•
Idle mode
•
Power-down mode
•
Reduced EMI mode
All these features are controlled by several registers, the Power Control register (PCON)
and the Auxiliary register (AUXR) detailed at the end of this section.
AUX register not available on all versions.
Functional Description
Figure 1 shows the block diagram of the possible sources of microcontroller reset.
Figure 1. Reset Sources
Notes:
1. RST pin available only on 48 and 52 pins versions.
2. RST pin available only on LPC versions.
Power-off Flag
When the power is turned off or fails, the data retention is not guaranteed. A Power-off
Flag (POF, Table 8 on page 15) allows to detect this condition. POF is set by hardware
during a reset which follows a power-up or a power-fail. This is a cold reset. A warm
reset is an external or a watchdog reset without power failure, hence which preserves
the internal memory content and POF. To use POF, test and clear this bit just after
reset. Then it will be set only after a cold reset.
Reset
RST Pin(1)
Hardware WD
PCA WD
RST Pin
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com