Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT87C5111-ICSIL Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 12Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 13Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 14Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 15Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 16Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 17Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 18Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 19Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
16
AT8xC5111
4190A–8051–11/02
Hardware Watchdog
Timer (WDT)
The WDT is intended as a recovery method in situations where the CPU may be sub-
jected to software upset. The WDT consists of a 14-bit counter and the Watchdog Timer
Reset (WDTRST) SFR. The WDT is by default disabled from exiting reset. To enable
the WDT, the user must write 01EH and 0E1H in sequence to the WDTRST, SFR loca-
tion 0A6H. When WDT is enabled, it will increment every machine cycle (6 internal clock
periods) and there is no way to disable the WDT except through reset (either hardware
reset or WDT overflow reset). The T0 bit of the WDTPRG register is used to select the
overflow after 10 or 14 bits. When WDT overflows, it will generate an internal reset. It
will also drive an output RESET HIGH pulse at the emulator RST-pin. The length of the
reset pulse is 24 clock periods of the WD clock.
Using the WDT
To enable the WDT, the user must write 01EH and 0E1H in sequence to the WDTRST,
SFR location 0A6H. When WDT is enabled, the user needs to service it by writing to
01EH and 0E1H to WDTRST to avoid WDT overflow. The 14-bit counter overflows when
it reaches 16383 (3FFFH) or 1024 (1FFFH) and this will reset the device. When WDT is
enabled, it will increment every machine cycle while the oscillator is running. This means
the user must reset the WDT at least every 16383 machine cycle. To reset the WDT the
user must write 01EH and 0E1H to WDTRST. WDTRST is a write only register. The
WDT counter cannot be read or written. When WDT overflows, it will generate an output
RESET pulse at the RST pin. The RESET pulse duration is 96 x T
OSC, where TOSC =
1/F
OSC . To make the best use of the WDT, it should be serviced in those sections of
code that will periodically be executed within the time required to prevent a WDT reset.
To have a more powerful WDT, a 27 counter has been added to extend the Time-out
capability, ranking from 16 ms to 2s at F
OSC = 12 MHz and T0 = 0. To manage this fea-
ture, refer to WDTPRG register description, Table 11 (SFR0A7h).
Table 1. WDTRST Register
WDTRST Address (0A6h)
Write only, this SFR is used to reset/enable the WDT by writing 01EH then 0E1H in
sequence.
76
5
4
3
2
1
Reset value
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com