Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT87C5111-ICSIL Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 33Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 34Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 35Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 36Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 37Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 38Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 39Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 40Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
37
AT8xC5111
4190A–8051–11/02
Figure 3. Full-Duplex Master-slave Interconnection
Master Mode
The SPI operates in Master mode. Only one Master SPI device can initiate transmis-
sions. Software begins the transmission from a Master SPI module by writing to the
Serial Peripheral Data Register (SPDAT). If the shift register is empty, the byte is imme-
diately transferred to the shift register. The byte begins shifting out on MOSI pin under
the control of the serial clock, SCK. Simultaneously, another byte shifts in from the
Slave on the Master’s MISO pin. The transmission ends when the Serial Peripheral
transfer data flag, SPIF, in SPSTA becomes set. At the same time that SPIF becomes
set, the received byte from the Slave is transferred to the receive data register in
SPDAT. Software clears SPIF by reading the Serial Peripheral Status register (SPSTA)
with the SPIF bit set, and then reading the SPDAT.
When the pin SS is pulled down during a transmission, the data is interrupted and when
the transmission is established again, the data present in the SPDAT is present.
Transmission Formats
Software can select any of four combinations of serial clock (SCK) phase and polarity
using two bits in the SPCON: the Clock POLarity (CPOL (1)) and the Clock PHAse
(CPHA(1)). CPOL defines the default SCK line level in idle state. It has no significant
effect on the transmission format. CPHA defines the edges on which the input data are
sampled and the edges on which the output data are shifted (Figure 15 and Figure 16).
The clock phase and polarity should be identical for the Master SPI device and the com-
municating Slave device.
Figure 4. Data Transmission Format (CPHA = 0)
8-bit Shift register
SPI
Clock Generator
Master MCU
8-bit Shift register
MISO
MISO
MOSI
MOSI
SCK
SCK
VSS
VDD
SS
SS
Slave MCU
1.
Before writing to the CPOL and CPHA bits, the SPI should be disabled (SPEN = ’0’).
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
bit6
bit5
bit4
bit3
bit2
bit1
MSB
LSB
13
24
5
6
7
8
Capture Point
SS (to Slave)
MISO (from Slave)
MOSI (from Master)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (Internal)
SCK Cycle Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com