Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT87C5111-ICSIL Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 75Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 76Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 77Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 78Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 79Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 80Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 81Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 82Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 86 page
background image
79
AT8xC5111
4190A–8051–11/02
Shift Register Timing
Waveforms
Figure 6. Shift Register Timing Waveforms
Table 9. External Clock Drive Characteristics (XTAL1)
External Clock Drive
Waveforms
Figure 7. External Clock Drive Waveforms
VALID
VALID
INPUT DATA
VALID
VALID
0
1
2
345
6
8
7
CLOCK
OUTPUT DATA
WRITE to SBUF
CLEAR RI
T
XLXL
T
QVXH
T
XHQX
TXHDV
TXHDX
SET TI
SET RI
012
3
4
567
VALID
VALID
VALID
VALID
INSTRUCTION
Symbol
Parameter
Min
Max
Units
T
CLCL
Oscillat or Period
25
ns
T
CHCX
High Time
5
ns
T
CLCX
Low Time
5
ns
T
CLCH
Rise Time
5
ns
T
CHCL
Fall Time
5
ns
T
CHCX/TCLCX
Cyclic ratio in X2 mode
40
60
%
V
CC-0.5V
0.45V
0.7VCC
0.2V
CC-0.1 V
TCHCL
T
CLCX
T
CLCL
T
CLCH
T
CHCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com