Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT87C5111-ICSIL Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 5Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 6Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 7Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 8Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 9Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 10Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 11Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 12Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
9
AT8xC5111
4190A–8051–11/02
•
Exit from IDLE modes will leave the oscillator control bits OSCAEN, OSCBEN and
CKS unchanged.
Power-down Modes
•
POWER-DOWN modes are achieved by using any instruction that writes into
PCON.1 sfr
•
Exit from POWER-DOWN mode is achieved either by a hardware Reset, or by an
external interruption.
•
By RST signal: The CPU will restart on OSCA.
•
By INT0 or INT1 interruptions, if enabled. The oscillators control bits OSCAEN,
OSCBEN and CKS will not be changed, so the selected oscillator before entering
into Power-down will be activated.
Prescaler Divider
•
An hardware RESET selects the prescaler divider:
–
CKRL = FFh: internal clock = OscOut/2 (Standard C51 feature)
–
X2 = 0,
•
After Reset, any value between FFh down to 00h can be written by software into
CKRL sfr in order to divide frequency of the selected oscillator:
–
CKRL = 00h: minimum frequency = OscOut/512
–
CKRL = FFh: maximum frequency = OscOut/2
The frequency of the CPU and peripherals clock CkOut is related to the frequency of the
main oscillator OscOut by the following formula:
F
CkOut = FOscOut/(512 - 2*CKRL)
Some examples can be found in the table below:
•
A software instruction which sets X2 bit de-activates the prescaler/divider, so the
internal clock is either Xtal_Osc or RC_Osc depending on SEL_OSC bit.
Table 1. Power Modes
PD
IDLE
CKS
OSCBEN
OSCAEN Selected Mode
Comment
0
0
1
X
1
NORMAL MODE A OSCA: XTAL clock
X
X
1
X
0
INVALID
No active clock
0
0
0
1
X
NORMAL MODE B OSCB: high-speed RC clock
XX
0
0
X
INVALID
0
1
1
X
1
IDLE MODE A
The CPU is off, OSCA supplies the
peripherics
0
1
0
1
X
IDLE MODE B
The CPU is off, OSCB supplies the
peripherics
1X
X
X
X
TOTAL POWER-
DOWN
The CPU is off, OSCA and OSCB are
stopped
F
OscOut
MHz
X2
CKRL
F
CkOut (Mhz)
12
0
FF
6
12
0
FE
3
12
1
x
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com