Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT87C5111-ICSIL Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 50Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 51Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 52Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 53Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 54Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 55Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 56Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 57Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
54
AT8xC5111
4190A–8051–11/02
Analog-to-Digital
Converter (ADC)
This section describes the on-chip 10-bit analog-to-digital converter of the
T89C51RB2/RC2. Eight ADC channels are available for sampling of the external
sources AN0 to AN7. An analog multiplexer allows the single ADC to select one of the 8
ADC channels as ADC input voltage (ADCIN). ADCIN is converted by the 10 bit-cas-
caded potentiometric ADC.
Three kind of conversions are available:
•
Standard conversion (7-8 bits).
•
Precision conversion (8-9 bits).
•
Accurate conversion (10 bits).
For the precision conversion, set bits PSIDLE and ADSST in ADCON register to start
the conversion. The chip is in a pseudo-idle mode, the CPU doesn’t run but the periph-
erals are always running. This mode allows digital noise to be lower, to ensure precise
conversion.
For the accurate conversion, set bits QUIETM and ADSST in ADCON register to start
the conversion. The chip is in a quiet mode, the AD is the only peripheral running. This
mode allows digital noise to be as low as possible, to ensure high precision conversion.
For these modes it is necessary to work with end of conversion interrupt, which is the
only way to wake up the chip.
If another interrupt occurs during the precision conversion, it will be treated only after
this conversion is ended.
Features
•
8 channels with multiplexed inputs
•
10-bit cascaded potentiometric ADC
•
Conversion time down to 10 micro-seconds
•
Zero Error (offset) ± 2 LSB max
•
External Positive Reference Voltage Range 2.4 to V
CC
•
ADCIN Range 0 to V
CC
•
Integral non-linearity typical 1 LSB, max. 2 LSB (with 0.9*V
CC<VREF<VCC)
•
Differential non-linearity typical 0.5 LSB, max. 1 LSB (with 0.9*V
CC<VREF<VCC)
•
Conversion Complete Flag or Conversion Complete Interrupt
•
Selected ADC Clock
ADC I/O Functions
AINx are general I/Os that are shared with the ADC channels. The channel select bits in
ADCF register define which ADC channel pin will be used as ADCIN. The remaining
ADC channels pins can be used as general purpose I/Os or as the alternate function
that is available. Writes to the port register which aren’t selected by the ADCF will not
have any effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com