Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS01-405-R Datasheet(PDF) 24 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 24 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 20Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 21Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 22Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 23Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 24Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 25Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 26Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 27Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 28Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 16
100base-Tx PHY Registers
Document
AL2100-DS01-405-R
Se cti on 4: R e g i s t er D e sc r i pt ion s
The first seven registers of the MII register set are defined by the MII specification. In addition to these required registers are
several Altima Communications, Inc. specific registers. There are reserved registers and/or bits that are for Altima internal
use only. The following standard registers are supported.
Legend:
RW = Read and write access
SC = Self-clearing
LL = Latch low until cleared by reading
RO = Read-only
RC = Cleared on read
LH = Latch high until cleared by reading
100BASE-TX PHY REGISTERS
Note
Register numbers are in decimal format. The values are in hexadecimal (H) or binary format.
When writing to registers, it is recommended that a read/modify/write operation be performed because
unintended bits can get set to unwanted states. This applies to all registers, including those with
reserved bits.
Table 5: Registers 0 through 31
Register
Description
Default
0
Control Register
3000
1
Status Register
6049
2
PHY Identifier 1 Register
0022
3
PHY Identifier 2 Register
5521
4
Auto-Negotiation Advertisement Register
0181
5
Auto-Negotiation Link Partner Ability Register
41E1
6
Auto-Negotiation Expansion Register
0005
7
Next Page Advertisement Register
2801
8-15
Reserved
XXXX
16
Interrupt Level Control Register
1800
17
Interrupt Control/Status Register is reserved because there is no hardware support.
0000
18,19
Reserved
XXXX
20
Cable Measurement Capability Register
XXXX
21
Receive Error Counter Register
0000
22-31
Reserved
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com