Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS01-405-R Datasheet(PDF) 41 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 41 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 37Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 38Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 39Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 40Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 41Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 42Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 43Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 44Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 45Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Absolute Maximum Ratings
Page 33
Sectio n 7: El ectrical Sp ecifi c atio ns
The following electrical characteristics are design goals rather than characterized numbers.
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
Table 44: Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Supply Voltage
VCC
GND-0.3
2.625
V
Storage Temperature
Ts
-40
+125
°C
Electrostatic Discharge
VESD
1000
V
Table 45: Recommended Operating Conditions
Parameter
Symbol
Pin
Operating
Mode
Min
Max
Units
Supply Voltage
VCC
VCC
2.375
2.625
V
High-Level Input Voltage
VIH
All Digital Inputs
2
V
Low-Level Input Voltage
VIL
All Digital Inputs
0.8
V
PECL Low-Level Input Voltage
VIL
SD
100BaseFX
1.7
V
PECL High-Level Input
Voltage
VIH
SD
100BaseFX
2.2
V
Differential Input Voltage
VIDIFF
FIP/FIN
100BaseFX
1.4
1.8
V
Common Mode Input Voltage
VICM
RXP/RXN
100BaseTX
1.8
VCC
V
Common Mode Input Voltage
VICM
FIP/FIN
100BaseFX
1.8
2.2
V
Ambient Operating
Temperature
TA
-40
+85
°C
Table 46: Electrical Characteristics
Parameter
Symbol
Pins
Conditions
Min
Max
Units
Supply Current
ICC
VCC,VCCPLL
VCC= 2.5v +/- 5%
154
mA
Supply Current Power
Down Mode
ICC
VCC,VCCPLL
100BASE-TX
100BASE-FX
20
mA
High-Level Output Voltage
VOH
All Digital Outputs
IOH = -4mA
VCC= 2.5v +/- 5%
2V
High-Level Output Voltage
VOH
TXP/TXN
Driving Load Magnetic
Module
VCC+1.5
V
Low-Level Output Voltage
VOL
All Digital Outputs
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com