Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS01-405-R Datasheet(PDF) 29 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 29 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 25Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 26Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 27Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 28Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 29Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 30Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 31Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 32Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 33Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
100base-Tx PHY Registers
Page 21
DIAGNOSTIC REGISTER
POWER/LOOPBACK REGISTER
CABLE MEASUREMENT CAPABILITY REGISTER
Table 14: Register 18: Diagnostic Register Bit Description
Bit
Name
Description
Mode
Default
15:13
Reserved
RW
0
12
Force link pass
TX
1 = Enable Force Link at 100 Base-T.
0 = Disable.
RW
0
11
DPLX
This bit indicates the result of the auto-negotiation for duplex.
1 = Full duplex.
0 = Half duplex.
RO
set by pin
10
Speed
This bit indicates the result of the auto-negotiation for speed.
1 = 100Base-T.
0 = 10Base-T.
RO
1
9
RX_PASS
In 100BT mode, this bit indicates that the valid signal was
received but not necessarily locked onto.
RO
0
8
RX_LOCK
This bit indicates that the receive PLL has locked onto the
received signal for the selected speed of operation (100Base-
TX). This bit is set whenever a cycle-slip occurs, and remains set
until it is read.
RO/RC
0
7:0
Reserved
RO
0
Table 15: Register 19: Power/Loopback Register Bit Description
Bit
Name
Description
Mode
Default
14:7
Reserved
RW
00000000
6
Reserved
RW
0
5
Disable watch
dog timer for
decipher
1 = Disable watchdog timer.
0 = Enable watchdog timer.
RW
0
4Low Power
Mode disable
1= Disable advance power saving mode.
0= Enable advance power saving mode.
RW
0
3
Enable digital
loopback
1 = Enable digital loopback.
0 = Disable digital loopback.
RW
0
2
Reserved
Reserved
RW
0
1
Reserved
Reserved.
RW
0
0
Reserved
Reserved.
RW
0
Table 16: Register 20: Cable Measurement Capability Register Bit Description
Bit
Name
Description
Mode
Default
15
Reserved
RW
1
14
Reserved
1 = Turn on.
0 = Turn off.
RW
1
13:9
Reserved
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com