Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS01-405-R Datasheet(PDF) 42 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 42 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 38Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 39Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 40Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 41Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 42Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 43Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 44Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 45Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 46Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 34
Electrical Characteristics
Document
AL2100-DS01-405-R
Low-Level Output Voltage
VOL
TXP/TXN
Driving Load Magnetic
Module
VCC-1.5
Differential Output Voltage
VODIFF
FOP/FON
100BASE-FX
1.4
1.8
V
Input Current
II
Digital Inputs w/Pull-
Up Resistor
VI = VCC
+200
µA
Input Current
II
All Other Digital
inputs
VCC
≥ V
I ≥ GND
±100
µA
Bias Voltage
VBIAS
RBIAD
1.18
1.30
V
Table 46: Electrical Characteristics (Cont.)
Parameter
Symbol
Pins
Conditions
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com