Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS01-405-R Datasheet(PDF) 32 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 32 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 28Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 29Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 30Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 31Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 32Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 33Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 34Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 35Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 36Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 24
100base-Tx PHY Registers
Document
AL2100-DS01-405-R
100BASE-FX PHY REGISTERS
CONTROL REGISTER
Table 21: 100Base-FX PHY Registers
Register
Name
Address
0
Control Register
2100
1
Status Register
7849
2
PHY Identifier 1 Register
0022
3
PHY Identifier 2 Register
5523
4-20
Reserved
XXXX
21
Receive Error Counter Register
0000
22-31
Reserved
XXXX
Table 22: Register 0: Control Register Bit Description
Bit
Name
Description
Mode
Default
15
Reset
1 = PHY reset.
This bit is self-clearing.
RW/SC
0
14
Loopback
1 = Enable loopback mode. This loops back TXD to RXD, and
ignores all the activity on the cable media.
0 = Normal operation.
RW
0
13
Speed Select
1 = 100Mbps.
Default is always = 1. This bit set to 0 is undefined.
RW
1
12
ANEN Enable
1= N/A
0= Disable auto-negotiation. This bit is always set to 0 in FX
PHY.
RW
0
11
Power Down
1 = Power down. All blocks except for SMI are turned off. Setting
the PWRDN pin to high achieves the same result.
0 = Normal operation.
RW
0
10
Isolate
1 = Electrically isolate the PHY from MII. PHY is still able to
response to SMI.
0 = Normal operation.
RW
0
9Restart
ANEN
1 = Restart auto-negotiation process.
0 = Normal operation.
RW/SC
0
8
Duplex Mode
1 = Full duplex.
0 = Half duplex.
RW
set by DUPLEX
pin
7
Collision Test
1 = Enable collision test, which issues the COL signal in
response to the assertion of the TX_EN signal. Collision test
is disabled when PCSBP pin is high. Collision test is enabled
regardless of the duplex mode.
0 = Disable COL test.
RW
0
6:0
Reserved
RW
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com