Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS01-405-R Datasheet(PDF) 18 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 18 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 14Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 15Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 16Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 17Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 18Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 19Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 20Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 21Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 22Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 10
Serial Management Interface
Document
AL2100-DS01-405-R
LED CONFIGURATION
The LED interface is fully configurable via the common register setting. See Table 3.
Each LED has two 16-bit registers that define the operation. See ”Common Registers” on page 27 for details.
SERIAL MANAGEMENT INTERFACE
MII management access is performed via pin MDC and MDIO. The MDC input pin is SCHMTT triggered to avoid noise on
this bused signal.
The PHY’s internal registers are accessible only through the MII 2-wire Serial Management Interface (SMI). MDC is a clock
input to the PHY, which is used to latch in or out data and instructions for the PHY. The clock can run at any speed from DC
to 25 MHz. MDIO is a bi-directional connection used to write instructions to, write data to, or read data from the PHY. Each
data bit is latched either in or out on the rising edge of MDC. MDC is not required to maintain any speed or duty cycle,
provided no half cycle is less than 20 ns, and that data is presented synchronous to MDC.
MDC and MDIO are a common signal pair to all PHYs on a design. Therefore, each PHY must have its own unique physical
address. The physical address of the PHY is set by using the pins defined as PHYAD[4:0]. These input signals are strapped
externally, and sampled as reset is negated. At idle, the PHY is responsible to pull the MDIO line to a high state. Therefore,
a 1K Ohm resistor is required to connect the MDIO line to VCC.
PHY ADDRESSES
Two PHY addresses are taken under AL2100 mode. One is PHYAD [4:0], and the other is PHYAD [4:0] + 1. The first one is
for twisted-pair PHY; the second is for fiber PHY.
The PHY addresses are set via the PHYAD4, PHYAD3, PHYAD2, PHYAD1, and PHYAD0 signals.
CLOCK SOURCE
The clock source for this chip is from the XI signal.
In normal operation mode (media converter), the XI signal is connected to a 25 Mhz, 50 PPM Oscillator or XI and XO signals
are connected to a 25 MHz, 50 PPM Crystal.
Table 3: Events for LED Operation
Bit
Events Description
7RxAct_FX
6Link_FX
5Link_TP
4
DUPLEX_TP
3TxAct_TP
2
Remote_fault
1N/A
0RxAct_TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com