Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS01-405-R Datasheet(PDF) 34 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 34 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 30Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 31Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 32Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 33Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 34Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 35Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 36Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 37Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 38Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 26
100base-Tx PHY Registers
Document
AL2100-DS01-405-R
PHY IDENTIFIER 2 REGISTER
RECEIVE ERROR COUNTER
POWER MANAGEMENT REGISTER
Table 25: Register 3: PHY Identifier 2 Register Bit Description
Bit
Name
Description
Mode
Default
15:10
OUI
Assigned to Bits 19 through 24 of the OUI.
RO
010101
9:4
Model Number
6-bit manufacturer’s model number.
RO
010010
3:0
Revision Number
4-bit manufacturer’s revision number.
RO
0001
Note
Based on an OUI of 0010A9 (Hex).
When this register is used as Next Page Message, the bit definition is the same as Register 7.
Table 26: Register 21: Receive Error Counter Bit Description
Bit
Name
Description
Mode
Default
15:0
RX_ER Counter
Count receive error events.
RO
0
Table 27: Register 22: Power Management Register Bit Description
Bit
Name
Description
Mode
Default
15:14
Reserved
RO
00
13
PD_PLL
1 = Power down PLL circuit.
RO
X
12
PD_EQUAL
1 = Power down equalizer circuit.
RO
X
11
Reserved
RO
X
10
PD_LP
1 = Power down link pulse receiver.
RO
X
9
PD_EN_DET
1 = Power down energy detect circuit.
RO
X
8
PD_FX
1 = Power down FX circuit.
RO
X
7:6
Reserved
RW
00
5
MSK_PLL
0 = Force power up PLL circuit.
RW
X
4
MSK_EQUAL
0 = Force power up equalizer circuit.
RW
X
3
Reserved
RW
X
2
MSK_LP
0 = Force power up link pulse receiver.
RW
X
1
MSK_EN_DET
0 = Force power up energy detect circuit.
RW
X
0
MSK_FX
0 = Force power up FX circuit.
RW
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com