Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS01-405-R Datasheet(PDF) 35 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 35 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 31Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 32Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 33Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 34Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 35Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 36Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 37Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 38Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 39Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Common Registers
Page 27
OPERATION MODE REGISTER
CRC FOR RECENT RECEIVED PACKET
COMMON REGISTERS
The following registers are mapped to Registers 28 through 31 on the TP PHY. Register 28[15:12] is used as a page select.
There are multiple pages of Registers 29 through 31, depending on the value of Register 28[15:12].
MODE CONTROL REGISTER
Table 28: Register 23: Operation Mode Register Bit Description
Bit
Name
Description
Mode
Default
15:14
Reserved
13
Clk_rclk_save
1 = Set rclk save mode. Rclk shuts off after 64 cycles of
each packet.
0
12
Reserved
11
Scramble disable
1 = Disable scrambler
RW
1
10
Reserved
RW
0
9
Pcsbp
1 = Enable PCS bypass mode.
RW
0
23:8
Reserved
RW
0
7:6
Reserved
5
Reserved
RO
0
4:0
Reserved
RO
XXXXX
Table 29: Register 24: CRC for Recent Received Packet Bit Description
Bit
Name
Description
Mode
Default
15:0
CRC16
CRC16 value displayed. For system level test purposes.
RC
0000H
Table 30: Common Register 0: Mode Control Register (Map to TP_PHY, Reg. 28) Bit Description
a.28.15:12
Page Selection
Select multiple common register pages.
RW
0000
a.28.11:7
Reserved
RO
0000
a.28.6
Reserved
RO
1
a.28.5
Reserved
RO
0
a.28.4
Reserved
RO
0
a.28.3
Reserved
RW
0
a.28.2
Act select
Act event select.
0 = Receive activity.
1 = TX or RX activity.
RW
1
a.28.1
Reserved
RO
0
a.28.0
Reserved
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com