Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS01-405-R Datasheet(PDF) 16 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 16 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 12Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 13Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 14Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 15Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 16Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 17Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 18Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 19Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 20Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 8
Fault Propagation
Document
AL2100-DS01-405-R
REDUNDANT LINK
The AL2100 supports redundant links through the use of the DATA_OFF and REDUN signals. The redundant link function
is only available for the fiber port. An implementation of a redundant link is shown in Figure 4. The redundant link can also
be configured with two fiber switch-ports, a far-end fault signaling support required, and two AL2100s.
There are two scenarios: either redundant link transmits a link fault or the receive link fault triggers the redundant link.
Figure 4: Redundant Link
RECEIVE LINK FAULT
In the event of a receive-link failure, the receiver goes into a link-down mode. The AL2100 takes the following actions:
•
Starts transmitting the remote fault signal
•
Puts the TXP and TXN pins in high-impedance mode
•
De-asserts the DATA_OFF signal
The far-end primary transceiver is normally in a link-up state, and a back-up transceiver is in a link-fail state. During receive-
link failure, the local AL2100 enables data transmission of the backup transceiver by asserting the REDUN signal. The
backup AL2100 starts sending copies of the transmit signal. The primary far-end receiver that receives the RF signal enters
the link-fail state. The back-up transceiver exits the link-fail state upon receiving a signal from the local AL2100, re-
establishing the link. When the primary link is repaired, the REDUN is de-asserted.
TRANSMITS LINK FAULT
The 100BASE-FX specification provides a way to detect a transmit-link failure. Whenever a fiber receiver experiences a
receive-link failure, it transmits a far-end fault signal. The far-end fault signal is indicated by the far-end fault IDLE signal (84
Local
Primary
AL2100
Primary
Data_off
Far End
Back up
AL2100
Far End
Primary
AL2100
Transformer
Transformer
Redun#
Data_off
Local
Back up
AL2100
Redun#
Redundant Link
Back up
Redun
Redun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com