Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS01-405-R Datasheet(PDF) 28 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 28 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 24Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 25Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 26Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 27Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 28Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 29Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 30Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 31Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 32Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 20
100base-Tx PHY Registers
Document
AL2100-DS01-405-R
AUTO-NEGOTIATION EXPANSION REGISTER
AUTO-NEGOTIATION NEXT PAGE TRANSMIT REGISTER
Note
When this register is used as Next Page Message, the bit definition is the same as Register 7.
Table 12: Register 6: Auto-Negotiation Expansion Register Bit Description
Bit
Name
Description
Mode
Default
15:5
Reserved
RO
0
4
Parallel Detection Fault
1 = Fault detected by parallel detection logic. This fault is due to
more than one technology detecting a concurrent link-up
condition. This bit can only be cleared by reading Register 6,
using the management interface.
0 = No fault detected by parallel detection logic.
RO/
LH
0
3
Link Partner Next Page
Able
1 = Link Partner supports next page function.
0 = Link Partner does not support next page function.
RO
0
2
Next Page Able
Next page is supported.
RO
1
1
Page Received
This bit is set when a new link code word has been received into
the Auto-Negotiation Link Partner Ability Register. This bit is
cleared upon a read of this register.
RC
0
0
Link Partner ANEN-Able
1 = Link partner is auto-negotiation capable.
0 = Link partner is not auto-negotiation capable.
RO
0
Table 13: Register 7: Auto-Negotiation Next Page Transmit Register Bit Description
Bit
Name
Description
Mode
Default
15
NP
1 = Another Next Page desired.
0 = No other Next Page Transfer desired.
RW
0
14
Reserved
RO
0
13
MP
1 = Message page.
0 = Unformatted page.
RW
1
12
ACK2
1 = Complies with message.
0 = Does not comply with message.
RW
0
11
TOG_TX
1 = Previous value of transmitted link code word equals 0.
0 = Previous value of transmitted link code word equals 1.
RW
0
10:0
CODE
Message/Unformatted Code Field.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com