Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

115F40-R000RA-M3 Datasheet(PDF) 14 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 14 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 10Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 11Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 12Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 13Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 14Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 15Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 16Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 17Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 18Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
14
Product Specification
M270DTN01.5
CN4
PIN #
Symbol
DESCRIPTION
1
R7_0N
Negative LVDS differential data input (Port7 data)
2
R7_0P
Positive LVDS differential data input (Port7 data)
3
R7 1N
Negative LVDS differential data input (Port7 data)
4
R7 1P
Positive LVDS differential data input (Port7 data)
5
R7 2N
Negative LVDS differential data input (Port7 data)
6
R7 2P
Positive LVDS differential data input (Port7 data)
7
GND
Ground
8
R7_CLKN
Negative LVDS differential clock input (Port7 clock)
9
R7_CLKP
Positive LVDS differential clock input (Port7 clock)
10
GND
Ground
11
R7 3N
Negative LVDS differential data input (Port7 data)
12
R7 3P
Positive LVDS differential data input (Port7 data)
13
NC
No connection (for AUO test only. Do not connect)
14
NC
No connection (for AUO test only. Do not connect)
15
GND
Ground
16
R8_0N
Negative LVDS differential data input (Port8 data)
17
R8_0P
Positive LVDS differential data input (Port8 data)
18
R8_1N
Negative LVDS differential data input (Port8 data)
19
R8_1P
Positive LVDS differential data input (Port8 data)
20
R8 2N
Negative LVDS differential data input (Port8 data)
21
R8 2P
Positive LVDS differential data input (Port8 data)
22
GND
Ground
23
R8 CLKP
Negative LVDS differential clock input (Port8 clock)
24
R8 CLKP
Positive LVDS differential clock input (Port8 clock)
25
GND
Ground
26
R8_3N
Negative LVDS differential data input (Port8 data)
27
R8_3P
Positive LVDS differential data input (Port8 data)
28
NC
No connection (for AUO test only. Do not connect)
29
NC
No connection (for AUO test only. Do not connect)
30
NC
No connection (for AUO test only. Do not connect)
31
NC
No connection (for AUO test only. Do not connect)
32
NC
No connection (for AUO test only. Do not connect)
33
NC
No connection (for AUO test only. Do not connect)
34
GND
Ground
35
GND
Ground
36
NC
No connection (for AUO test only. Do not connect)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com