Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

115F40-R000RA-M3 Datasheet(PDF) 16 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 16 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 12Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 13Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 14Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 15Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 16Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 17Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 18Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 19Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 20Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16
Product Specification
M270DTN01.5
4. Absolute Maximum Ratings
Absolute maximum ratings of the module are as following:
Backlight Unit
Symbol
Min
Typ
Max
Unit
Conditions
LED Current
ILED
-
120
132
[mA]
Note 4-1,4-2
Absolute Ratings of Environment
Item
Symbol
Min.
Max.
Unit
Conditions
Operating Temperature
TOP
0
+50
[oC]
Note 4-3
Center Glass Surface
temperature (Operation)
TGS
0
+65
[oC]
Note 4-3
Function judged only
Operation Humidity
HOP
5
90
[%RH]
Note 4-3
Storage Temperature
TST
-20
+60
[oC]
Storage Humidity
HST
5
90
[%RH]
Note 4-1: With in Ta (25℃)
Note 4-2: Permanent damage to the device may occur if exceeding maximum values
Note 4-3: For quality perfermance, please refer to AUO IIS(Incoming Inspection Standard).
Operating Range
Storage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com