Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

115F40-R000RA-M3 Datasheet(PDF) 18 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 18 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 14Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 15Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 16Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 17Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 18Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 19Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 20Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 21Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 22Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
18
Product Specification
M270DTN01.5
6. Signal Characteristic
LCD Pixel Format
Note 6-1
: The module use 8 port-LVDS interface.
Port 1
:4N+1
N=0,~ 319 (1,5.. 1277pixel)
Port 2
:4N+2
N=0,~ 319 (2,6.. 1278pixel)
Port 3
:4N+3
N=0,~ 319 (3,7.. 1279pixel)
Port 4
:4N+4
N=0,~ 319 (4,8.. 1280pixel)
Port 5
:
:
:
:4N+1281
N=0,~ 319 (1281,1285.. 2557pixel)
Port 6
:
:
:
:4N+1282
N=0,~ 319 (1282,1286.. 2558pixel)
Port 7
:
:
:
:4N+1283
N=0,~ 319 (1283,1287.. 2559pixel)
Port 8
:
:
:
:4N+1284
N=0,~ 319 (1284,1288.. 2560pixel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com