Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

115F40-R000RA-M3 Datasheet(PDF) 5 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 5 Page - AU Optronics Corp.,

  115F40-R000RA-M3 Datasheet HTML 1Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 2Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 3Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 4Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 5Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 6Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 7Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 8Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 9Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
Product Specification
M270DTN01.5
2. General Description
This specification applies to the 27 inch-FHD Color a-Si TFT-LCD Module M270DTN01.5.The
display supports the QHD - 2560(H) x 1440(V) screen format and 16.7M colors (RGB 8-bits data). The
input interface is 8 port LVDS and this module doesn’t contain a driver board for backlight.
Display Characteristics
The following items are characteristics summary on the table under 25℃ condition:
ITEMS
Unit
SPECIFICATIONS
Screen Diagonal
mm
684.67(27.0”)
Active Area
mm
596.74 (H) x 335.66 (V)
Pixels H x V
2560(x3) x 1440
Pixel Pitch
um
233.1 (per one triad) ×233.1
Pixel Arrangement
R.G.B. Vertical Stripe
Display Mode
TN Mode, Normally White
White Luminance ( Center )
cd/m2
350 cd/m2 (Typ.)
Contrast Ratio
1000(Typ.)
Optical Response Time
msec
5ms (Typ., on/off)
Power Consumption
(VDD line + LED line)
Watt
33.8 W
LCD module:PDD(Typ)=6.5 @Black pattern Fv=144 Hz
Backlight unit:PBLu(Typ)=27.3 @Is=120mA
Color gamut
%
72
Weight
Grams
2500 (Typ.)
Outline Dimension
mm
609.00(H)x354.66(V)x11.60(D)
Electrical Interface
8 port LVDS
Support Color
16.7M colors (RGB 8-bit )
Surface Treatment
Anti-Glare, 3H
Temperature Range
Operating
Storage (Shipping)
o
C
o
C
0 to +50
-20 to +60
RoHS Compliance
RoHS Compliance
TCO Compliance
TCO 6.0 Compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com